Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP Datasheet(PDF) 28 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 28 Page - NEC

Back Button UPD16675AP Datasheet HTML 24Page - NEC UPD16675AP Datasheet HTML 25Page - NEC UPD16675AP Datasheet HTML 26Page - NEC UPD16675AP Datasheet HTML 27Page - NEC UPD16675AP Datasheet HTML 28Page - NEC UPD16675AP Datasheet HTML 29Page - NEC UPD16675AP Datasheet HTML 30Page - NEC UPD16675AP Datasheet HTML 31Page - NEC UPD16675AP Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
µµµµPD16675A
Switching Characteristics
(Unless otherwise specified, TA =
−−−−40 to ++++85°°°°C, VDD1 = 2.7 to 3.3 V, VCHA = H: VDD2 = 2.7 to 3.6 V or VCHA = L:
VDD2 = 2.7 to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Oscillation frequency
fOSC
Self-oscillation
21
30
50
kHz
Transfer delay time
tPHL
SCK
↓→DATA↓
100
ns
tPLH
SCK
↓→DATA↑
300
ns
Remark The TYP. value is a reference value when TA = 25
°C.
The time for one frame is obtained with the following formula.
1 frame = 1/fOSC
× 8 × number of duties
If fOSC = 30 kHz and 1/34 duty, then the result is:
1 frame = 33
µs × 8 × 34 = 9.1 ms
Required Conditions for Timing
(Unless otherwise specified, TA =
−−−−40 to ++++85°°°°C, VDD1 = 2.7 to 3.3 V, VCHA = H: VDD2 = 2.7 to 3.6 V or VCHA = L:
VDD2 = 2.7 to 5.5 V)
(1) Common
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock frequency
fOSC
OSCIN external clock
20
30
50
kHz
High level clock pulse width
tWHC1
OSCIN external clock
10
25
µs
Low level clock pulse width
tWLC1
OSCIN external clock
10
25
µs
High level clock pulse width
tWHC2
OSCBRI external clock
400
ns
Low level clock pulse width
tWLC2
OSCBRI external clock
400
ns
Rise/fall time
tr, tf
OSCBRI external clock
100
ns
Reset pulse width
tWRE
Reset pin
1.0
µs
Remark The TYP. value is a reference value when TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com