Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP Datasheet(PDF) 3 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 3 Page - NEC

  UPD16675AP Datasheet HTML 1Page - NEC UPD16675AP Datasheet HTML 2Page - NEC UPD16675AP Datasheet HTML 3Page - NEC UPD16675AP Datasheet HTML 4Page - NEC UPD16675AP Datasheet HTML 5Page - NEC UPD16675AP Datasheet HTML 6Page - NEC UPD16675AP Datasheet HTML 7Page - NEC UPD16675AP Datasheet HTML 8Page - NEC UPD16675AP Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
µµµµPD16675A
PIN CONFIGURATION (PAD LAYOUT)
(Chip size: 12.68
× 1.81 mm2)
1
13
158
146
245
159
145
14
X
Y
No.
PIN
X (
µm)
Y (
µm)
1
DUMMY
-6094.8
516.6
2
DUMMY
-6094.8
426.6
3COM22
-6094.8
336.6
4COM21
-6094.8
246.6
5COM20
-6094.8
156.6
6COM19
-6094.8
66.6
7COM18
-6094.8
-23.4
8COM17
-6094.8
-113.4
9
DUMMY
-6094.8
-203.4
10
DUMMY
-6094.8
-293.4
11
DUMMY
-6094.8
-383.4
12
DUMMY
-6094.8
-473.4
13
DUMMY
-6094.8
-563.4
14
DUMMY
-5893.8
-661.6
15
DUMMY
-5803.8
-661.6
16
SEG128
-5713.8
-661.6
17
SEG127
-5623.8
-661.6
18
SEG126
-5533.8
-661.6
19
SEG125
-5443.8
-661.6
20
SEG124
-5353.8
-661.6
21
SEG123
-5263.8
-661.6
22
SEG122
-5173.8
-661.6
23
SEG121
-5083.8
-661.6
24
SEG120
-4993.8
-661.6
25
SEG119
-4903.8
-661.6
26
SEG118
-4813.8
-661.6
27
SEG117
-4723.8
-661.6
28
SEG116
-4633.8
-661.6
29
SEG115
-4543.8
-661.6
30
SEG114
-4453.8
-661.6
31
SEG113
-4363.8
-661.6
32
SEG112
-4273.8
-661.6
33
SEG111
-4183.8
-661.6
34
SEG110
-4093.8
-661.6
35
SEG109
-4003.8
-661.6
36
SEG108
-3913.8
-661.6
37
SEG107
-3823.8
-661.6
38
SEG106
-3733.8
-661.6
39
SEG105
-3643.8
-661.6
40
SEG104
-3553.8
-661.6
41
SEG103
-3463.8
-661.6
42
SEG102
-3373.8
-661.6
43
SEG101
-3283.8
-661.6
44
SEG100
-3193.8
-661.6
45
SEG99
-3103.8
-661.6
46
SEG98
-3013.8
-661.6
47
SEG97
-2923.8
-661.6
48
SEG96
-2833.8
-661.6
49
SEG95
-2743.8
-661.6
50
SEG94
-2653.8
-661.6
51
SEG93
-2563.8
-661.6
52
SEG92
-2473.8
-661.6
53
SEG91
-2383.8
-661.6
54
SEG90
-2293.8
-661.6
55
SEG89
-2203.8
-661.6
56
SEG88
-2113.8
-661.6
57
SEG87
-2023.8
-661.6
58
SEG86
-1933.8
-661.6
59
SEG85
-1843.8
-661.6
60
SEG84
-1753.8
-661.6
61
SEG83
-1663.8
-661.6
62
SEG82
-1573.8
-661.6
63
SEG81
-1483.8
-661.6
No.
PIN
X (
µm)
Y (
µm)
64
SEG80
-1393.8
-661.6
65
SEG79
-1303.8
-661.6
66
SEG78
-1213.8
-661.6
67
SEG77
-1123.8
-661.6
68
SEG76
-1033.8
-661.6
69
SEG75
-943.8
-661.6
70
SEG74
-853.8
-661.6
71
SEG73
-763.8
-661.6
72
SEG72
-673.8
-661.6
73
SEG71
-583.8
-661.6
74
SEG70
-493.8
-661.6
75
SEG69
-403.8
-661.6
76
SEG68
-313.8
-661.6
77
SEG67
-223.8
-661.6
78
SEG66
-133.8
-661.6
79
SEG65
-43.8
-661.6
80
SEG64
46.2
-661.6
81
SEG63
136.2
-661.6
82
SEG62
226.2
-661.6
83
SEG61
316.2
-661.6
84
SEG60
406.2
-661.6
85
SEG59
496.2
-661.6
86
SEG58
586.2
-661.6
87
SEG57
676.2
-661.6
88
SEG56
766.2
-661.6
89
SEG55
856.2
-661.6
90
SEG54
946.2
-661.6
91
SEG53
1036.2
-661.6
92
SEG52
1126.2
-661.6
93
SEG51
1216.2
-661.6
94
SEG50
1306.2
-661.6
95
SEG49
1396.2
-661.6
96
SEG48
1486.2
-661.6
97
SEG47
1576.2
-661.6
98
SEG46
1666.2
-661.6
99
SEG45
1756.2
-661.6
100
SEG44
1846.2
-661.6
101
SEG43
1936.2
-661.6
102
SEG42
2026.2
-661.6
103
SEG41
2116.2
-661.6
104
SEG40
2206.2
-661.6
105
SEG39
2296.2
-661.6
106
SEG38
2386.2
-661.6
107
SEG37
2476.2
-661.6
108
SEG36
2566.2
-661.6
109
SEG35
2656.2
-661.6
110
SEG34
2746.2
-661.6
111
SEG33
2836.2
-661.6
112
SEG32
2926.2
-661.6
113
SEG31
3016.2
-661.6
114
SEG30
3106.2
-661.6
115
SEG29
3196.2
-661.6
116
SEG28
3286.2
-661.6
117
SEG27
3376.2
-661.6
118
SEG26
3466.2
-661.6
119
SEG25
3556.2
-661.6
120
SEG24
3646.2
-661.6
121
SEG23
3736.2
-661.6
122
SEG22
3826.2
-661.6
123
SEG21
3916.2
-661.6
124
SEG20
4006.2
-661.6
125
SEG19
4096.2
-661.6
126
SEG18
4186.2
-661.6
No.
PIN
X (
µm)
Y (
µm)
127
SEG17
4276.2
-661.6
128
SEG16
4366.2
-661.6
129
SEG15
4456.2
-661.6
130
SEG14
4546.2
-661.6
131
SEG13
4636.2
-661.6
132
SEG12
4726.2
-661.6
133
SEG11
4816.2
-661.6
134
SEG10
4906.2
-661.6
135
SEG9
4996.2
-661.6
136
SEG8
5086.2
-661.6
137
SEG7
5176.2
-661.6
138
SEG6
5266.2
-661.6
139
SEG5
5356.2
-661.6
140
SEG4
5446.2
-661.6
141
SEG3
5536.2
-661.6
142
SEG2
5626.2
-661.6
143
SEG1
5716.2
-661.6
144
DUMMY
5806.2
-661.6
145
DUMMY
5896.2
-661.6
146
DUMMY
6094.8
-563.4
147
DUMMY
6094.8
-473.4
148
DUMMY
6094.8
-383.4
149
DUMMY
6094.8
-293.4
150
DUMMY
6094.8
-203.4
151
PCOM1
6094.8
-113.4
152
COM1
6094.8
-23.4
153
COM2
6094.8
66.6
154
COM3
6094.8
156.6
155
COM4
6094.8
246.6
156
COM5
6094.8
336.6
157
DUMMY
6094.8
426.6
158
DUMMY
6094.8
516.6
159
DUMMY
5870.6
760
160
DUMMY
5780.6
760
161
DUMMY
5690.6
760
162
DUMMY
5600.6
760
163
COM6
5510.6
760
164
COM7
5420.6
760
165
COM8
5330.6
760
166
COM9
5240.6
760
167
COM10
5150.6
760
168
COM11
5060.6
760
169
COM12
4970.6
760
170
COM13
4880.6
760
171
COM14
4790.6
760
172
COM15
4700.6
760
173
COM16
4610.6
760
174
DUMMY
4520.6
760
175
VLC5
4400.8
760
176
VLC4
4224.8
760
177
VLC3
4048.8
760
178
VLC2
3872.8
760
179
VLC1
3696.8
760
180
VLCD
3520.8
760
181
VLCD
3344.8
760
182
AmpIN(
−)
3168.8
760
183
AmpIN(
+)
2992.8
760
184
AmpOUT
2816.8
760
185
C1−
2640.8
760
186
C1−
2550.8
760
187
C1−
2460.8
760
188
C1+
2284.8
760
189
C1+
2194.8
760
No.
PIN
X (
µm)
Y (
µm)
190
C1+
2104.8
760
191
C2−
1928.8
760
192
C2−
1838.8
760
193
C2−
1748.8
760
194
C2+
1572.8
760
195
C2+
1482.8
760
196
C2+
1392.8
760
197
VDD2
1232.8
760
198
VEXT
1056.8
760
199
OSCBRI
880.8
760
200
OSCIN
704.8
760
201
OSCOUT
528.8
760
202
DACHA
352.8
760
203
VDD1
176.8
760
204
VDD1
0.8
760
205
VCHA
-175.2
760
206
VSS
-351.2
760
207
CS0
-527.2
760
208
CS1
-703.2
760
209
CS2
-879.2
760
210
RESET
-1055.2
760
211
D7/NS
-1231.2
760
212
D6/CAE
-1407.2
760
213
D5
-1583.2
760
214
D4
-1759.2
760
215
D3
-1935.2
760
216
D2
-2111.2
760
217
D1
-2287.2
760
218
D0/DATA
-2463.2
760
219
E/SCK
-2639.2
760
220
STB
-2815.2
760
221
VSS
-2991.2
760
222
VSS
-3167.2
760
223
WS
-3343.2
760
224
VDD1
-3519.2
760
225
POCOUT
-3695.2
760
226
CLKOUT
-3871.2
760
227
SYNC
-4047.2
760
228
VEE
-4223.2
760
229
VEE
-4399.2
760
230
DUMMY
-4520.6
760
231
PCOM2
-4610.6
760
232
COM32
-4700.6
760
233
COM31
-4790.6
760
234
COM30
-4880.6
760
235
COM29
-4970.6
760
236
COM28
-5060.6
760
237
COM27
-5150.6
760
238
COM26
-5240.6
760
239
COM25
-5330.6
760
240
COM24
-5420.6
760
241
COM23
-5510.6
760
242
DUMMY
-5600.6
760
243
DUMMY
-5690.6
760
244
DUMMY
-5780.6
760
245
DUMMY
-5870.6
760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com