Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP Datasheet(PDF) 29 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 29 Page - NEC

Back Button UPD16675AP Datasheet HTML 25Page - NEC UPD16675AP Datasheet HTML 26Page - NEC UPD16675AP Datasheet HTML 27Page - NEC UPD16675AP Datasheet HTML 28Page - NEC UPD16675AP Datasheet HTML 29Page - NEC UPD16675AP Datasheet HTML 30Page - NEC UPD16675AP Datasheet HTML 31Page - NEC UPD16675AP Datasheet HTML 32Page - NEC UPD16675AP Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
µµµµPD16675A
(2) Serial interface
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Shift clock cycle
tCYK
SCK
900
ns
High level shift clock pulse
width
tWHK
SCK
400
ns
Low level shift clock pulse
width
tWLK
SCK
400
ns
Shift clock hold time
tHSTBK
STB
↓→SCK↓
1.5
µs
Data setup time
tDS1
DATA
→SCK↑
100
ns
Data hold time
tDH1
SCK
↑→DATA
400
ns
STB hold time
tHKSTB
SCK
↑→STB↑
1
µs
STB pulse width
tWSTB
1
µs
Wait time
tWAIT
8th CLK
↑→1st CLK↓
1
µs
Remark The TYP. value is a reference value when TA = 25
°C.
(3) Parallel interface (8-bit/4-bit)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Enable cycle time
tCYCE
E
↑→E↑
900
ns
High level enable pulse width
tWHE
E
400
ns
Low level enable pulse width
tWLE
E
400
ns
STB pulse width
tWSTB
1
µs
STB hold time
tHKSTB
1
µs
Enable hold time
tHSTBK
1.5
µs
Data setup time
tDS2
D0 to D7
→E↑
100
ns
Data hold time
tDH2
D0 to D7
→E↓
300
ns
Remarks 1. The TYP. value is a reference value when TA = 25
°C.
2. In 4-bit parallel mode, D0 to D3 = “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com