Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP Datasheet(PDF) 7 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 7 Page - NEC

Back Button UPD16675AP Datasheet HTML 3Page - NEC UPD16675AP Datasheet HTML 4Page - NEC UPD16675AP Datasheet HTML 5Page - NEC UPD16675AP Datasheet HTML 6Page - NEC UPD16675AP Datasheet HTML 7Page - NEC UPD16675AP Datasheet HTML 8Page - NEC UPD16675AP Datasheet HTML 9Page - NEC UPD16675AP Datasheet HTML 10Page - NEC UPD16675AP Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
µµµµPD16675A
1.2
Logic System (Continued)
Pin Symbol
Pin Name
Pin No.
I/O
Description
D0/DATA
Data bus/data
218
I/O
In parallel interface mode, this pin becomes the D0
bit of the data bus.
In serial interface mode, it becomes the input/output
pin of the command and display data (3 states).
D1 to D5
Data bus
217 to 213
I/O
In parallel interface mode, these pins become the D1
to D5 bits of the data bus.
In serial interface mode, leave them open.
D6/CAE
Data bus/chip
address enable
212
I/O
In 8-bit parallel interface mode, this pin becomes the
D6 bit of the data bus.
In 4-bit parallel interface and serial interface modes,
it becomes chip address enable. Also, at High level,
it becomes chip address valid; at Low level, chip
address invalid.
In 8-bit parallel interface, it becomes chip address
valid.
D7/NS
Data bus/nibble select
211
I/O
When the word select (WS) is High level, this bit
becomes the D7 bit of the data bus.
When WS is Low level, it becomes the nibble select
(NS). When NS is High level, it becomes 4-bit
parallel interface. When NS is Low level, it becomes
serial interface.
In 4-bit parallel interface mode, data cannot be read
out.
_____________
RESET
Reset
210
I
At Low level, internal initialization is performed.
VCHA
Boosting magnitude
switching
205
I
The boosting magnitude of the internal booster
circuit is switched over. At High level, it is switched
to 3X, while, at Low level, 2X.
DACHA
D/A converter
switching
202
I
Select whether to use the internal D/A converter for
temperature correction or not. At High level, this
circuit is used, at Low level, unused.
VEXT
Reference supply
switching
198
I
Selects the method for supplying the reference
power circuit. At High level, the circuit is supplied
externally; and, at Low level, internally.
SYNC
Synchronization
227
I/O
Input/output pin for synchronization.
Master mode: Output
Slave mode: Input
CS0 to CS2
Chip select
207 to 209
I
When used for multiple chips, these pins are used to
specify their addresses. They can be accessed only
when coinciding with b2 to b4 bits of the interface
control register.
OSCIN
Oscillation pin
200
I
OSCOUT
201
O
These pins are connected with the 1 M
Ω resistor.
When using external oscillation, input it into the
OSCIN, leaving the OSCOUT open.
OSCBRI
External clock for
blinks
199
I
Input pin of the 2-Hz external clock.
It internally divides this clock by 2 to generate 1 Hz
and make it the synchronizing signal for blinks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com