Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP Datasheet(PDF) 8 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 8 Page - NEC

Back Button UPD16675AP Datasheet HTML 4Page - NEC UPD16675AP Datasheet HTML 5Page - NEC UPD16675AP Datasheet HTML 6Page - NEC UPD16675AP Datasheet HTML 7Page - NEC UPD16675AP Datasheet HTML 8Page - NEC UPD16675AP Datasheet HTML 9Page - NEC UPD16675AP Datasheet HTML 10Page - NEC UPD16675AP Datasheet HTML 11Page - NEC UPD16675AP Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
µµµµPD16675A
1.3
Driver System
Pin Symbol
Pin Name
Pin No.
I/O
Description
SEG1 to
SEG128
Segment
143 to 16
O
Segment output pins
COM1 to
COM32
Commons
3
to
8,
152 to 156,
163 to 173,
232 to 241
O
Common output pins
PCOM1,
PCOM2
Pictographic
commons
151, 231
O
Common output pins for pictograph
AmpIN(
+),
AmpIN(
−)
Operational amplifier
input
183, 182
I
These are the input pins of the operational amplifier
for LCD drive voltage adjustment. Leave AmpIN(+)
open when using the internal D/A converter. When
not using the D/A converter, it is necessary to input
the reference voltage.
Connect AmpIN(–) to the LCD voltage adjustment
resistor (see the diagram below).
AmpOUT
Operational amplifier
output
184
O
This is the input pin of the operational amplifier for
LCD drive voltage adjustment. It is normal to
connect this pin to the LCD voltage adjustment
resistor (see the diagram below).
It is recommended to connect approx. 0.1 to 1
µF
capacitor to this pin to stabilize the internal
amplifier’s output.
2.
VOLTAGE CONTROL CIRCUIT EXAMPLE
D/A
Converter
DACHA
AmpIN( )
AmpIN( )
AmpOUT
VLC1
VLC2
VLC3
VLC4
VLC5
VEE
VEXT
R2
R1
C1
Reference Power Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com