Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP Datasheet(PDF) 15 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 15 Page - NEC

Back Button UPD16675AP Datasheet HTML 11Page - NEC UPD16675AP Datasheet HTML 12Page - NEC UPD16675AP Datasheet HTML 13Page - NEC UPD16675AP Datasheet HTML 14Page - NEC UPD16675AP Datasheet HTML 15Page - NEC UPD16675AP Datasheet HTML 16Page - NEC UPD16675AP Datasheet HTML 17Page - NEC UPD16675AP Datasheet HTML 18Page - NEC UPD16675AP Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
µµµµPD16675A
5.3.4
Duty setting
The duty is set.
00011
b2 b1 b0
Choices
000: 1/34 duty cycle
001: 1/36 duty cycleNote
MSB
LSB
Note If the duty cycle is 1/36, PCOM1 and PCOM2 are respectively selected for twice the period of the duty
(2/36).
5.3.5
Master/slave setting
The master/slaves are set.
00111 b2 b1 b0
Choices
000: Master
001: Slave
MSB
LSB
5.3.6
Blink setting
The blinks of the pictograph of the address whose blink data is “1” are controlled.
01000
b2 b1 b0
Choices
000: Blink halt
001: Blink start (Blink frequency = fOSC/32768)
010: Blink start (Blink frequency = fBRINote/2)
MSB
LSB
Note This refers to the frequency of the external clock which is input from the OSCBRI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com