Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2352 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 5Page - STMicroelectronics AN2352 Datasheet HTML 6Page - STMicroelectronics AN2352 Datasheet HTML 7Page - STMicroelectronics AN2352 Datasheet HTML 8Page - STMicroelectronics AN2352 Datasheet HTML 9Page - STMicroelectronics AN2352 Datasheet HTML 10Page - STMicroelectronics AN2352 Datasheet HTML 11Page - STMicroelectronics AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2352
Configuration of the CAN bit timing
9/20
node recognizes if the error is local or global by simply detecting that there is an echo after
its error flag. This is possible only if the node can properly sample the first bit after
transmitting the error flag.
The error flag from an error active node is composed of 6 dominant bits; in the worst case
condition of a bit stuffing error, up to 6 other dominant bits could be received before the error
flag. This means that the first bit after the error flag is the 13th bit after the last
synchronization: This bit, as already stated, must be correctly sampled.
Again, tBT being the CAN bit time, the maximum time tS (with correct sampling) between two
resynchronization edges can be expressed as:
where tPB2 corresponds to the duration of Phase_Seg2 (PB = phase buffer).
Also in this case, assuming the two CAN nodes have opposite system clock generator
tolerance (considering the specified tolerance "df" valid for both nodes in the network) for
their respective system clocks, the accumulated phase error at the resynchronization instant
becomes:
For a correct sampling, the accumulated phase error must not lead the resynchronization
edge outside the interval Phase_Seg1 + Phase_Seg2. This condition can be expressed as:
Once again, this expression can be translated into a condition for the CAN system clock
tolerance df:
In conclusion, both conditions on the CAN system clock tolerance must be satisfied.
In case the CAN node generates its system clock through a PLL, the maximum allowed
clock tolerance must also be a function of the PLL jitter: This results in a more severe quality
requirement for the oscillator (crystal or resonator).
The phase error introduced by the PLL jitter is linked to the number of clock periods: In
particular, the jitter increases with the clock period number until a saturation maximum value
is attained, which results in the long term jitter (refer to datasheet for more details about the
PLL electrical characteristics).
Considering the PLL effect, the two expressions producing the phase error in the two
conditions above are modified as follows:
where
δ
PLL represents the absolute deviation introduced by the PLL jitter. In the two
formulas, the value of
δ
PLL is evaluated for different numbers of clock periods: For the first,
the jitter corresponding to a 10-bit time period must be considered, while for the second, the
jitter corresponding to a 13-bit time period must be considered. The number of clock periods
tS
13
tBT tPB2
=
∆tS
2df
()
13
tBT tPB2
()
=
tPB1
2df
()
<
13
tBT tSeg2
()
tPB2
<
df
min tPB1 tPB2
,
()
213
tBT tPB2
()
()
----------------------------------------------------------------
<
∆tJ
2df
10
tBT δPLL
⋅⋅
()
=
∆tS
2df13
tBT tPB2
()
⋅δPLL
+
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com