Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2352 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 7Page - STMicroelectronics AN2352 Datasheet HTML 8Page - STMicroelectronics AN2352 Datasheet HTML 9Page - STMicroelectronics AN2352 Datasheet HTML 10Page - STMicroelectronics AN2352 Datasheet HTML 11Page - STMicroelectronics AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics AN2352 Datasheet HTML 14Page - STMicroelectronics AN2352 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN2352
Configuration of the CAN bit timing
11/20
Figure 4.
Structure of the CAN Core’s CAN Protocol Controller
The data in the bit timing registers is the configuration input of the CAN protocol controller.
The Baud rate prescaler (whose value is configured by the BRP field of the bit timing
register) defines the length of the time quantum, the basic time unit of the bit time; the bit
timing logic (configured by TSEG1, TSEG2 and SJW) defines the number of time quanta in
the bit time.
The processing of the bit time, the calculation of the position of the sample point and
occasional synchronizations are controlled by the BTL state machine, which is evaluated
once each time quantum. The rest of the CAN protocol controller, the bit stream processor
(BSP) state machine, is evaluated once each bit time at the sample point.
The Shift Register serializes the messages to be sent and parallelizes received messages.
Its loading and shifting is controlled by the BSP.
The BSP translates messages into frames and frames into messages. It generates and
discards the enclosed fixed format bits, inserts and extracts stuff bits, calculates and checks
the CRC code, performs the error management and determines the type of synchronization
to be used. It is evaluated at the sample point and processes the sampled bus input bit. The
time needed to calculate the next bit to be sent after the sample point (for example, data bit,
CRC bit, stuff bit, error flag or idle) is called the information processing time (IPT).
The IPT is application specific but may not be longer than 2 tq; the C-CAN’s IPT is 0 tq. Its
length is the lower limit of the programmed length of Phase_Seg2. In case of a
synchronization, Phase_Seg2 may be shortened to a value less than IPT, which does not
affect bus timing.
Sample_point
Bit_to_send
Sync_mode
Bus_off
Scaled_clock (tq)
System clock
Receive_data
Transmit_data
Control
Received_message
Send_message
Status
Bit
timing
logic
Baud rate
prescaler
Sampled_bit
Configuration (TSEG1, TSEG2, SJW)
Configuration (BRP)
Shift register
Received_data_bit
Next_data_bit
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com