Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2352 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 10Page - STMicroelectronics AN2352 Datasheet HTML 11Page - STMicroelectronics AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics AN2352 Datasheet HTML 14Page - STMicroelectronics AN2352 Datasheet HTML 15Page - STMicroelectronics AN2352 Datasheet HTML 16Page - STMicroelectronics AN2352 Datasheet HTML 17Page - STMicroelectronics AN2352 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Configuration of the CAN bit timing
AN2352
14/20
1.6.2
Example for bit timing at low baud rate
In this example, CPU clock frequency is 64 MHz, the frequency of CAN module clock is
32 MHz, BRP is 31 and the bit rate is 100 Kbit/s. By default, the ST10F27x divides by 2 the
clock that feeds the CAN cells (mandatory when the CPU clock frequency is higher than
40 MHz). It is possible to disable this function by setting bit 2 of the XMISC register.
In this example, the concatenated bit time parameters are (4-1)3 and (5-1)4 and (4-1)2 and
(31)6 and the bit timing register is programmed to = 0x34DF.
tq
1 µs
= 32 x tCAN_CLK
delay of bus driver
200 ns
delay of receiver circuit
80 ns
delay of bus line (40m)
220 ns
tProp
1 µs
= 1 x tq
tPB1
4 µs
= 4 x tq
tTSeg1
5 µs
= tProp + tPB1
tTSeg2
4 µs
= Information Processing Time + 3 • tq
tSJW
4 µs
= 4 x tq
tSync-Seg
1 µs
= 1 x tq
bit time
10 µs
= tSync-Seg + tTSeg1 + tTSeg2
tolerance for CAN clock
=
tolerance for CAN clock
= 1.58%
min
min PB1 PB2
(,
)
2
13
bit_time
⋅
PB2
–
()
⋅
-----------------------------------------------------------------------
tSJW
()
210
tBT
⋅⋅
----------------------------------
,
⎝⎠
⎛⎞
min PB1 PB2
(,)
2
13
bit_time
⋅
PB2
–
()
⋅
-----------------------------------------------------------------------
4
µs
213
10
µs4µs
–
⋅
()
⋅
-----------------------------------------------------------
1.58%
==
tSJW
()
210
tBT
⋅⋅
----------------------------------
4
µs
210
10
µs
⋅
()
⋅
------------------------------------------
2%
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com