Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2352 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 8Page - STMicroelectronics AN2352 Datasheet HTML 9Page - STMicroelectronics AN2352 Datasheet HTML 10Page - STMicroelectronics AN2352 Datasheet HTML 11Page - STMicroelectronics AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics AN2352 Datasheet HTML 14Page - STMicroelectronics AN2352 Datasheet HTML 15Page - STMicroelectronics AN2352 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Configuration of the CAN bit timing
AN2352
12/20
1.6
Calculation of the bit timing parameters
Usually, the calculation of the bit timing configuration starts with a desired bit rate or bit time.
The resulting bit time (1/bit rate) must be an integer multiple of the system clock period.
The bit time consists of 4 to 25 time quanta. The length of the time quantum tq is defined by
the Baud rate prescaler with tq = (Baud rate prescaler)/fsys. Several combinations may lead
to the desired bit time, allowing iterations of the following steps.
The first part of the bit time to be defined is the Prop_Seg. Its length depends on the delay
times measured in the system. A maximum bus length as well as a maximum node delay
must be defined for expandable CAN bus systems. The resulting time for Prop_Seg is
converted into time quanta (rounded up to the nearest integer multiple of tq).
The Sync_Seg is 1 tq long (fixed), leaving (bit time – Prop_Seg – 1) tq for the two phase
buffer segments. If the number of remaining tq is even, the phase buffer segments have the
same length, Phase_Seg2
= Phase_Seg1, otherwise Phase_Seg2 = Phase_Seg1 + 1.
The minimum nominal length of Phase_Seg2 must also be considered. Phase_Seg2 may
not be shorter than the CAN controller’s information processing time, which, depending on
the actual implementation, is in the range of [0...2] tq.
The length of the synchronization jump width is set to its maximum value, which is the
minimum of 4 and Phase_Seg1.
The oscillator tolerance range necessary for the resulting configuration is calculated by the
formulas expressed in
Section 1.4: System clock tolerance range.
If more than one configuration is possible, that configuration allowing the highest oscillator
tolerance range should be chosen.
CAN nodes with different system clocks require different configurations to attain the same
bit rate. The calculation of the propagation time in the CAN network, based on the nodes
with the longest delay times, is done once for the whole network.
The CAN system’s oscillator tolerance range is limited by that node with the lowest tolerance
range.
The calculation may show that bus length or bit rate must be decreased or that the oscillator
frequencies’ stability must be increased in order to find a protocol compliant configuration of
the CAN bit timing.
The resulting configuration is written into the bit timing register:
(Phase_Seg2 - 1) and (Phase_Seg1 + Prop_Seg - 1) and (SynchronizationJumpWidth - 1)
and (Prescaler - 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com