Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2352 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics AN2352 Datasheet HTML 14Page - STMicroelectronics AN2352 Datasheet HTML 15Page - STMicroelectronics AN2352 Datasheet HTML 16Page - STMicroelectronics AN2352 Datasheet HTML 17Page - STMicroelectronics AN2352 Datasheet HTML 18Page - STMicroelectronics AN2352 Datasheet HTML 19Page - STMicroelectronics AN2352 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ST10F27x PLL jitter effect in CAN protocol
AN2352
18/20
3.1.2
Examples
In the first example of
Section 1.6, the frequency of the CAN module clock was 20 MHz,
BRP = 1 and the bit rate 1 Mbit/s. Using the
Figure 5 on page 16, it follows that
so the clock tolerance range is reduced by
becoming 0.37%.
Using the range reduction formula calculated in the previous section:
In the second example, the frequency of CAN module clock was 32 MHz, BRP = 31 and the
bit rate 100 Kbit/s. Using the
Figure 5 on page 16, it follows that
so the clock tolerance range is reduced by
which is negligible compared to the original value of 1.58%.
In fact, using the range reduction formula calculated in the previous section:
3.2
Conclusion
Given the characteristics of the ST10F27x PLL, in most configurations the PLL can be used
and it fulfills the CAN standard requirements.
δPLL 13 10 tq
⋅⋅
520
tCPU
⋅
=
()
3ns
=
2
δPLL
⋅
()
213
tBT tPB2
–
⋅
()
⋅
()
----------------------------------------------------------------
0.006
µs
213
1
µs0.2µs
–
⋅
()
⋅
------------------------------------------------------------
0.02%
==
df
dfPLL
–
df
----------------------------
6
100
----------
0.06
6%
==
=
δPLL 13 10 tq
⋅⋅
4160
tCPU
⋅
=
()
4.5ns
=
2
δPLL
⋅
()
213
tBT tPB2
–
⋅
()
⋅
()
----------------------------------------------------------------
0.009
µs
213
10
µs4µs
–
⋅
()
⋅
-----------------------------------------------------------
0.0035%
==
df
dfPLL
–
df
----------------------------
9
4000
-------------
0.00225
0.225%
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com