Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2352 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics AN2352 Datasheet HTML 14Page - STMicroelectronics AN2352 Datasheet HTML 15Page - STMicroelectronics AN2352 Datasheet HTML 16Page - STMicroelectronics AN2352 Datasheet HTML 17Page - STMicroelectronics AN2352 Datasheet HTML 18Page - STMicroelectronics AN2352 Datasheet HTML 19Page - STMicroelectronics AN2352 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN2352
ST10F27x PLL jitter effect in CAN protocol
17/20
3
ST10F27x PLL jitter effect in CAN protocol
The CAN protocol provides a mechanism to resynchronize from recessive to dominant after
every edge, as explained in
Section 1.3: Phase buffer segments and synchronization. The
two phase buffers and the synchronization jump make it possible to compensate the
oscillator or PLL tolerance.
Considering only the PLL effects, the C-CAN module present in the ST10F27x can always
compensate its PLL jitter. In the worst case, in fact, the long term jitter is +/- 4.5ns (
Figure 5
on page 16). From the jitter point of view, one of the worst CAN bit time configurations is
when tBT = 25tq, SJW = 1, tSJW = 1tq = 40ns. Considering that the summarized difference
between the receiver and the transmitter is 9ns, Synchronization Jump Width is sufficient to
compensate that difference. In other words, the numerator of the second term of the formula
(
Section 1.4: System clock tolerance range):
is always positive, leading in any case to a system clock tolerance range. In the same way if
tBT = 1µ, tBT = 18tq, tPB2 =1tq, the numerator of the second term of the formula:
is always positive, leading again to a system clock tolerance range.
3.1
System clock tolerance range reduction in presence of PLL
jitter
Even if the C-CAN module always compensates its PLL jitter, the system clock tolerance
range is nevertheless reduced, increasing the probability of errors. This section evaluates
that reduction and also provides two examples of configuration already dealt with in
Section 1.6: Calculation of the bit timing parameters.
3.1.1
Range reduction percentage
The above equations have been calculated starting from the relations of the system clock
tolerance range. Those quantities cannot be higher than 22.5% (worst case:
δ
PLL = 4.5ns,
tSJW = min(tPB1,tPB2) = 40ns).
df
tSJW
()
2
δPLL
⋅
()
–
210
tBT
⋅⋅
--------------------------------------------------------
<
df
min tPB1 tPB2
,
()
2
δPLL
⋅
()
–
213
tBT tPB2
–
⋅
()
⋅
()
------------------------------------------------------------------------------------
<
df
dfPLL
–
df
----------------------------
2
δPLL
⋅
tSJW
-------------------------
=
df
dfPLL
–
df
----------------------------
2
δPLL
⋅
min tPB1 tPB2
,
()
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com