Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3105 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 9Page - STMicroelectronics AN3105 Datasheet HTML 10Page - STMicroelectronics AN3105 Datasheet HTML 11Page - STMicroelectronics AN3105 Datasheet HTML 12Page - STMicroelectronics AN3105 Datasheet HTML 13Page - STMicroelectronics AN3105 Datasheet HTML 14Page - STMicroelectronics AN3105 Datasheet HTML 15Page - STMicroelectronics AN3105 Datasheet HTML 16Page - STMicroelectronics AN3105 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN3105
Functional check
Doc ID 16774 Rev 2
13/30
On the lefthand side of Figure 9 the high frequency ripple has been measured; as seen the
ripple and noise at switching frequency is very limited, thanks to the low EMI generated by
both stages. On the righthand side of Figure 9 the low frequency ripple has also been
measured. It is possible to note that the peak-to-peak value is not so low but it doesn't affect
the application, in fact the converters regulating the current flowing in each LED strip can
reject the ripple without any problem.
Figure 9.
EVL130W-SL-EU demonstration board: high and low frequency ripple on output
voltage at 230 V - 50 Hz - full load
4.3
Dynamic load operation
Waveforms reported in Figure 10 are relevant to the demonstration board during operation,
supplying converters dedicated to power LED strips with constant current.
In both figures it is possible to see the output voltage modulation during operation with
variable load due to the dimming of the LED current by PWM. For both measurements,
a dimming frequency of 300 Hz has been chosen.
On the lefthand side of Figure 10 the converter output current was 2.6 A and dimming duty
cycle was 90%, therefore very close to the converter nominal output power. The output
voltage in the image has two modulations; one is due to the rejection of the PFC output
voltage ripple already measured in Figure 9, on the righthand side. Over imposed there is
the voltage variation due to the LED current dimming. The peak-to-peak variation is 5.37 V,
this doesn't create any problems for the load as the converters reject the modulation.
Whereas on the righthand side of Figure 10 the converter has been checked at light load, so
the peak output current was 3 A and dimming duty cycle was 15%, for an output power of
21 W. Even in this case the peak-to-peak modulation doesn't give any trouble to the down-
stream current regulators and the board still works correctly.
CH3: VOUT
CH1: HB voltage
CH3: VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com