Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3105 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 19Page - STMicroelectronics AN3105 Datasheet HTML 20Page - STMicroelectronics AN3105 Datasheet HTML 21Page - STMicroelectronics AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics AN3105 Datasheet HTML 25Page - STMicroelectronics AN3105 Datasheet HTML 26Page - STMicroelectronics AN3105 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN3105
Bill of material
Doc ID 16774 Rev 2
23/30
R22
15 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R23
100
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R24
1.4 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R25
82 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R26
15 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R27
470
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R29
N. M.
1206
Not mounted
R3
10
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R30
0
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R31
0
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R32
270 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R33
N. M.
2010
Not mounted
R34
0.39
Ω
2010
SMD standard film res. - 1/2 W - 5% - 250 ppm/°C
VISHAY
R36
4.7 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R37
6.8 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R38
2.2 M
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R39
51
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R4
1.2 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R41
4.7 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R42
10 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R43
10 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R44
N. M.
0805
Not mounted
R45
220 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R46
51
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R47
220 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R49
0
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R5
120 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R50
10 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R51
N. M.
0805
Not mounted
R52
10
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R53
100
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R54
2.2 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R55
470
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R56
N. M.
0805
Not mounted
Table 4.
EVL130W-SL-EU demonstration board: bill of material (continued)
Des.
Part type/
part value
Case style/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com