Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3105 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics AN3105 Datasheet HTML 25Page - STMicroelectronics AN3105 Datasheet HTML 26Page - STMicroelectronics AN3105 Datasheet HTML 27Page - STMicroelectronics AN3105 Datasheet HTML 28Page - STMicroelectronics AN3105 Datasheet HTML 29Page - STMicroelectronics AN3105 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Transformer specification
AN3105
28/30
Doc ID 16774 Rev 2
Mechanical aspect and pin numbering
●
Maximum height from PCB: 30 mm
●
Coil former type: horizontal, 7 + 7 pins (pins #1, #3 and #5 removed for PCB reference)
●
Pin distance: 5.08 mm
●
Row distance: 25.4 mm.
Figure 20.
Transformer overall drawing
1.
Quotes are in millimeters, drawing is not to scale.
Manufacturer
●
MAGNETICA, R. Volpini - Italy (www.magneticait.it)
●
Transformer P/N: 1860.0013.
Table 6.
Transformer winding data
Pins
Winding
RMS current
Number of turns
Wire type
2-4
Primary
1 ARMS
47
#30 x 0.1 mm - G2
8-10
SEC - A(1)
1.
Secondary windings A and B must be wound in parallel.
0.05 ARMS
9
#60 x 0.1 mm - G2
12-14
SEC - B4(1)
2.2 ARMS
9
#60 x 0.1 mm - G2
6-7
Aux. (2)
2.
Aux. winding is wound on top of primary winding, turns are close to each other, placed on external side of
the coil former.
2.2 ARMS
3
0.28 mm - G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com