Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3105 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 18Page - STMicroelectronics AN3105 Datasheet HTML 19Page - STMicroelectronics AN3105 Datasheet HTML 20Page - STMicroelectronics AN3105 Datasheet HTML 21Page - STMicroelectronics AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics AN3105 Datasheet HTML 25Page - STMicroelectronics AN3105 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Bill of material
AN3105
22/30
Doc ID 16774 Rev 2
D7
BZV55-B15
SOD-80
Zener diode
VISHAY
D8
LL4148
SOD-80
Fast switching diode
VISHAY
D9
LL4148
SOD-80
Fast switching diode
VISHAY
F1
FUSE T4A
8.5 x 4 p. 5.08
mm
Fuse 4 A - time lag - 3921400
Littlefuse
J1
MKDS 1,5/
3-5,08
p. 5.08 mm
PCB term. block, screw conn., pitch 5 mm - 3 W.
PHOENIX CONTACT
J2
MKDS 1,5/
2-5,08
p. 5. 08 mm
PCB term. block, screw conn., pitch 5 mm - 2 W.
PHOENIX CONTACT
L1
1974.0001
DWG
PFC choke - 520 µH PQ26/20
MAGNETICA
L2
12 mH
DWG
CM filter 2019.0002
MAGNETICA
L3
3.3 µH - 4.7 A
Dia. 7.7
p. 5 mm
Inductor 1071.0080
MAGNETICA
Q1
BC846C
SOT-23
NPN small signal BJT
VISHAY
Q2
STF22NM60N
TO220
N-channel Power MOSFET
STMicroelectronics
Q3
N. M.
SOT-23
Not mounted
Q4
STD10NM60N
DPAK
N-channel Power MOSFET
STMicroelectronics
Q5
STD10NM60N
DPAK
N-channel Power MOSFET
STMicroelectronics
Q6
BC846C
SOT-23
NPN small signal BJT
VISHAY
Q7
BC846C
SOT-23
NPN small signal BJT
VISHAY
Q8
BC846C
SOT-23
NPN small signal BJT
VISHAY
R1
N. M.
0805
Not mounted
R10
1.2 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R11
4.7 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R12
2.0 M
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R13
120 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R14
390 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R15
39 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R16
39 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R17
0
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R18
56 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R19
0
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R2
1.0 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R20
680 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R21
33
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
Table 4.
EVL130W-SL-EU demonstration board: bill of material (continued)
Des.
Part type/
part value
Case style/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com