Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3105 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 17Page - STMicroelectronics AN3105 Datasheet HTML 18Page - STMicroelectronics AN3105 Datasheet HTML 19Page - STMicroelectronics AN3105 Datasheet HTML 20Page - STMicroelectronics AN3105 Datasheet HTML 21Page - STMicroelectronics AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics AN3105 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN3105
Bill of material
Doc ID 16774 Rev 2
21/30
C39
470 nF
0805
25 V CERCAP - general purpose - X7R - 10%
KEMET
C4
470 nF - X2
9.0 × 18.0
p.15 mm
X2 - MKP film cap. - B32922C3474K
EPCOS
C40
10 µF
2220
50 V - CERCAP - general purpose - X7R - 20%
TDK
C41
N. M.
0805
Not mounted
C5
5 µF
14 × 31.5
p.27.5 mm
800 V - MKP film cap. - B32774D8505K000
EPCOS
C6
5 µF
14 × 31.5
p. 27.5 mm
800 V - MKP film cap. - B32774D8505K000
EPCOS
C7
5 µF
14 × 31.5
p. 27.5 mm
800 V - MKP film cap. - B32774D8505K000
EPCOS
C8
2.2 nF - Y1
4.5 x 12 p.10
mm
Y1 safety cap. DE1E3KX222M
Murata
C9
10 nF
1206
100 V CERCAP - general purpose - X7R - 10%
KEMET
D1
1.4007 nF
DO-41
General purpose rectifier
VISHAY
D10
N. M.
SOD-80
Not mounted
D11
STPS10150CG D2PAK
Power Schottky rectifier
STMicroelectronics™
D12
STPS10150CG D2PAK
Power Schottky rectifier
STMicroelectronics
D13
LL4148
SOD-80
Fast switching diode
VISHAY
D14
LL4148
SOD-80
Fast switching diode
VISHAY
D15
BZV55-B24
SOD-80
Zener diode
VISHAY
D16
LL4148
SOD-80
Fast switching diode
VISHAY
D17
BZV55-B24
SOD-80
Zener diode
VISHAY
D18
LL4148
SOD-80
Fast switching diode
VISHAY
D19
LL4148
SOD-80
Fast switching diode
VISHAY
D2
STTH3L06U
SMB
Ultrafast high voltage rectifier
STMicroelectronics
D20
STPS1L60A
SMA
Fast switching diode
STMicroelectronics
D21
BZV55-B24
SOD-80
Zener diode
VISHAY
D22
BZV55-B24
SOD-80
Zener diode
VISHAY
JPX9
/D23
JUMPER
Wire jumper
D24
LL4148
SOD-80
Fast switching diode
VISHAY
D3
GBU8J
STYLE GBU -
DWG
Single-phase bridge rectifier
VISHAY
D4
LL4148
SOD-80
Fast switching diode
VISHAY
D5
LL4148
SOD-80
Fast switching diode
VISHAY
D6
LL4148
SOD-80
Fast switching diode
VISHAY
Table 4.
EVL130W-SL-EU demonstration board: bill of material (continued)
Des.
Part type/
part value
Case style/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com