Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3105 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 10Page - STMicroelectronics AN3105 Datasheet HTML 11Page - STMicroelectronics AN3105 Datasheet HTML 12Page - STMicroelectronics AN3105 Datasheet HTML 13Page - STMicroelectronics AN3105 Datasheet HTML 14Page - STMicroelectronics AN3105 Datasheet HTML 15Page - STMicroelectronics AN3105 Datasheet HTML 16Page - STMicroelectronics AN3105 Datasheet HTML 17Page - STMicroelectronics AN3105 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Functional check
AN3105
14/30
Doc ID 16774 Rev 2
Figure 10.
EVL130W-SL-EU demonstration board: output voltage variation driving
a CC LED converter - PWM = 90% and PWM = 15%
It is worth clarifying that, for correct operation with LED strips, the board needs some
additional capacitors connected on the +48 V output bus. It has not been equipped with all
the capacitors necessary for correct operation with LEDs but only with minimum
capacitance to allow board operation, in order to optimize the system cost and reliability.
The additional capacitors needed are intended to be placed close to each LED strip current
regulator, therefore filtering the EMI generated by these. In several cases, in fact, the power
supply is placed at the base of the lighting pole while the LED current regulators are located
on top, in the lamp. The long wiring connection between the power supply and the
converters can act as an antenna radiating EMI. Therefore local filtering minimizes the
radiated EMI.
The capacitance to be added to the 48 V bus, for correct operation with LEDs, is around
40 µF. In order to not affect the board MTBF, using the same capacitor type already used on
the power supply board is suggested.
4.4
Overcurrent and overvoltage protection
The L6599AT is equipped with a current sensing input (pin #6, ISEN) and a dedicated
overcurrent management system. The current flowing in the resonant tank is detected and
the signal is fed into the ISEN pin. It is internally connected to a first comparator, referenced
to 0.8 V, and to a second comparator referenced to 1.5 V. If the voltage externally applied to
the pin exceeds 0.8 V, the first comparator is tripped causing an internal switch to be turned
on and discharging the soft-start capacitor C24 (CSS). Under output short-circuit, this
operation results in a nearly constant peak primary current.
With the L6599AT the designer can program externally the maximum time that the converter
is allowed to run overloaded or under short-circuit conditions. Overloads or short-circuits
lasting less than the set time do not cause any other action, and so provide the system with
immunity to short duration phenomena. If, instead, an overload condition continues,
a protection procedure is activated which shuts down the L6599AT. In the case of
continuous overload or short-circuit, it results in continuous intermittent operation with
a user defined duty cycle.
CH1: PWM dimming signal
CH2: VOUT
CH1: PWM dimming signal
CH2: VOUT
CH4: SMPS output current
CH4: SMPS output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com