Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3306 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 8Page - STMicroelectronics AN3306 Datasheet HTML 9Page - STMicroelectronics AN3306 Datasheet HTML 10Page - STMicroelectronics AN3306 Datasheet HTML 11Page - STMicroelectronics AN3306 Datasheet HTML 12Page - STMicroelectronics AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Benefits of using STPMxx with Rogowski coil-based sensors
AN3306
12/21
Doc ID 18182 Rev 1
Equation 6
The final result is:
Equation 7
This makes the use of STPMxx devices with Rogowski coil-based current sensors, such as
the Pulse current sensor, advantageous. When a Rogowski coil-based sensor is used, a
very high degree of accuracy is obtained by design due to the following:
●
DC offset cancellation and the power calculation algorithm produces a DC component,
proportional to the active power, without any offset or AC ripple.
●
Ripple-free power calculation, so integration of power over the line period is avoided,
and thus energy accumulation is not affected by fluctuation of the line frequency.
●
The architecture makes the STPMxx devices ready for Rogowski coil-based sensors
without the need for an additional integration block, which would increase system
complexity and overall application cost.
5.2
Mutual current compensation
For poly-phase systems, where galvanic isolation between phases is a must, and immunity
to DC magnetic fields is becoming a requirement in international standards, a Rogowski
coil-based sensor offers an interesting and inexpensive solution.
The drawback of this approach is cross influence between current channels.
The STPMC1, a dedicated device for poly-phase measurement, features embedded
functionality which allows error compensation from mutual currents.
For single-phase systems, two correction factors,
α (alpha) and β (beta), produce a ±3.1%
correction factor in 512 steps. Asymmetrical compensation is implemented by multiplying
the phase current with
α and neutral current with β, and these values are then subtracted
from neutral and phase currents, respectively, as shown in Table 3 and Equation 8 and
Equation 9.
Equation 8
Table 3.
Mutual current compensation matrix for single-phase systems
Phase
S
T
S
−β
T
α−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com