Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3306 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics AN3306 Datasheet HTML 17Page - STMicroelectronics AN3306 Datasheet HTML 18Page - STMicroelectronics AN3306 Datasheet HTML 19Page - STMicroelectronics AN3306 Datasheet HTML 20Page - STMicroelectronics AN3306 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AN3306
Recommendations
Doc ID 18182 Rev 1
19/21
Figure 11.
Accuracy results vs. current comparison between axial and diagonal
position
As illustrated in the graph above, changing the cable orientation from an axial to a non-axial
position increases the transfer sensitivity, especially when the cable contacts the sensor
body.
Moving the cable within the center-passing hole does not result in an appreciable lack of
performance.
Attention should also be given to proper shielding, which can prevent errors on the
measured current resulting from the high potential of the cable coupling with the sensor. It
must be connected to ground.
Connecting the shield wire of the sensor (the white wire, if using the PA2999.006NL sensor)
to the active signal input (hot), rather than a GND-referred input increases the error at low
currents, and could cause external noise, further affecting accuracy.
The accuracy tests were also conducted with the shield connected to hot. However, even
with this erroneous positioning, the lack of accuracy was very small and the error still far
below Class 1 requirements.
-2,0%
-1,0%
0,0%
1,0%
2,0%
1%
10%
100%
% of In
Axial position
Diagonal position
Class 1 limits
Class 0.5 limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com