Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3306 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3306 Datasheet HTML 1Page - STMicroelectronics AN3306 Datasheet HTML 2Page - STMicroelectronics AN3306 Datasheet HTML 3Page - STMicroelectronics AN3306 Datasheet HTML 4Page - STMicroelectronics AN3306 Datasheet HTML 5Page - STMicroelectronics AN3306 Datasheet HTML 6Page - STMicroelectronics AN3306 Datasheet HTML 7Page - STMicroelectronics AN3306 Datasheet HTML 8Page - STMicroelectronics AN3306 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN3306
The Pulse current sensor
Doc ID 18182 Rev 1
5/21
2
The Pulse current sensor
While the Rogowski coil principle is well-known and has been widely implemented in various
current sensing devices, the engineering challenge has been to control the winding
characteristics to achieve the accurate current measurements required for metering
applications. Pulse Engineering Inc. has developed a precision winding technique that
controls the parameters which directly influence the output voltage. A patent-pending
segmented winding approach allows for a high number of winding turns per unit length to
provide a sufficiently large output voltage for detection and integration.
The Pulse current sensor is an air coil winding which has a highly linear output voltage over
a very wide dynamic current range, meeting the Class 0.2 S accuracy limits defined by the
IEC 62053-22 meter standard for currents from 0.1 A to 200 A. A specially designed winding
configuration meets Class 1 requirements for immunity to external magnetic fields. An
additional Faraday shield over the winding prevents electrostatic voltage coupling from the
AC voltage of the conductor. This also acts as an effective barrier against external electrical
fields associated with nearby current-carrying conductors and automatic meter-reading
radio signals.
Pulse has implemented this winding technique in a highly automatable, low-cost standard
product, the PA2999.006NL, shown in Figure 3. It is lightweight and, due to the Rogowski
coil as a voltage source, is a zero power-consumption device with a stable voltage over a
wide temperature range. Further information on this product is available at
www.pulseeng.com
Figure 3.
The PA2999.006NL current sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com