Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3306 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics AN3306 Datasheet HTML 17Page - STMicroelectronics AN3306 Datasheet HTML 18Page - STMicroelectronics AN3306 Datasheet HTML 19Page - STMicroelectronics AN3306 Datasheet HTML 20Page - STMicroelectronics AN3306 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Recommendations
AN3306
18/21
Doc ID 18182 Rev 1
8
Recommendations
Because the current sensor is wound on a dielectric support, the positioning of the spires
with respect to the cable has a relevant impact on performance in terms accuracy. Placing
the spires of the sensor in an axial position with the cable in the middle, as shown in
Figure 8, produces a higher sensitivity. Additional tests were conducted for current sensor 1,
placing it in a diagonal position with respect to the current cable.
Figure 10.
Cable in a diagonal position
The results are shown in column 4 of Table 6, and are compared to the accuracy error of the
same sensor with the cable in an axial position (column 3).
Table 6.
Accuracy results vs. current comparison between axial and diagonal
position
I [A]
% IN
Error % - axial
Error % - diagonal
10
100%
0.0000%
0.0000%
1
10%
-0.0640%
-0.0409%
0.5
5%
-0.0040%
-0.0214%
0.1
1%
-0.8436%
-1.0730%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com