Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3306 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 9Page - STMicroelectronics AN3306 Datasheet HTML 10Page - STMicroelectronics AN3306 Datasheet HTML 11Page - STMicroelectronics AN3306 Datasheet HTML 12Page - STMicroelectronics AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics AN3306 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN3306
Benefits of using STPMxx with Rogowski coil-based sensors
Doc ID 18182 Rev 1
13/21
Equation 9
For poly-phase systems, three correction factors, a 7-bit •, 6-bit • and 4-bit • (gamma)
respectively introduce a ±0.78%, ±0.39% and ±0.09% correction factor.
From these factors, a 4 x 4 matrix, shown in Table 4, implements symmetrical compensation
multiplying each phase and neutral current with its row, adding the products together and
subtracting them from the currents (Equation 10, Equation 11, Equation 12, and Equation
13).
Equation 10
Equation 11
Equation 12
Equation 13
Table 4.
Mutual current compensation matrix for three-phase systems
Phase
R
S
T
N
R
−αβ
γ
S
α−
αβ
T
βα−α
N
γβ
α
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com