Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3306 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 12Page - STMicroelectronics AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics AN3306 Datasheet HTML 17Page - STMicroelectronics AN3306 Datasheet HTML 18Page - STMicroelectronics AN3306 Datasheet HTML 19Page - STMicroelectronics AN3306 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Accuracy results
AN3306
16/21
Doc ID 18182 Rev 1
7
Accuracy results
Three different sensors were tested in the configuration shown in Figure 8. The nominal
current IN is 10 A, and the accuracy was tested down to 1% IN at PF=1.
Figure 8.
Test configuration
The results of the accuracy tests are shown in Table 5 below.
In Figure 9, the results of accuracy testing at the different currents are shown graphically for
the three sensors, together with the accuracy limits for Class 1 and 0.5 meters (in
accordance with international standards IEC 62053-21 and IEC 62053-22).
Table 5.
Accuracy results vs. current
I [A]
% IN
S1 error %
S2 error %
S3 error %
10
100%
0.0000%
0.000%
0.0000%
1
10%
-0.0640%
0.046%
-0.0100%
0.5
5%
-0.0040%
-0.034%
0.1568%
0.1
1%
-0.8436%
-0.951%
0.2211%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com