Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3383 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 9Page - STMicroelectronics AN3383 Datasheet HTML 10Page - STMicroelectronics AN3383 Datasheet HTML 11Page - STMicroelectronics AN3383 Datasheet HTML 12Page - STMicroelectronics AN3383 Datasheet HTML 13Page - STMicroelectronics AN3383 Datasheet HTML 14Page - STMicroelectronics AN3383 Datasheet HTML 15Page - STMicroelectronics AN3383 Datasheet HTML 16Page - STMicroelectronics AN3383 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN3383
Test results
Doc ID 018691 Rev 1
13/29
Figure 14.
FFT (0 dBFS), VCC = 24 V, RL = 6 ohm, 0 dBFS (Pout = 1 W)
Figure 15.
FFT (-60 dBFS), VCC = 24 V, RL = 6 ohm, 0 dBFS (Pout = 1 W)
Figure 16.
THD vs. output power, VCC = 24 V, RL = 6 ohm, f = 1 kHz
-120
+0
-100
-80
-60
-40
-20
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
AM045243v1
-120
+0
-100
-80
-60
-40
-20
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
AM045244v1
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
50
20m
50m
100m
200m
500m
1
2
5
10
20
W
AM045245v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com