Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3383 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3383 Datasheet HTML 1Page - STMicroelectronics AN3383 Datasheet HTML 2Page - STMicroelectronics AN3383 Datasheet HTML 3Page - STMicroelectronics AN3383 Datasheet HTML 4Page - STMicroelectronics AN3383 Datasheet HTML 5Page - STMicroelectronics AN3383 Datasheet HTML 6Page - STMicroelectronics AN3383 Datasheet HTML 7Page - STMicroelectronics AN3383 Datasheet HTML 8Page - STMicroelectronics AN3383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AN3383
List of figures
Doc ID 018691 Rev 1
3/29
List of figures
Figure 1.
STA350BW 2.0-channel demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Block diagram of test connections with equipment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Top view of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Bottom view of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Efficiency (2 channels, BTL configuration), VCC = 26 V, RL = 6 ohm . . . . . . . . . . . . . . . . . . 9
Figure 7.
Efficiency (2 channels, BTL configuration), VCC = 26 V, RL = 8 ohm . . . . . . . . . . . . . . . . . 10
Figure 8.
Output power vs. supply voltage, RL = 6 ohm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Output power vs. supply voltage, RL = 8 ohm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
Frequency response, VCC = 24 V, RL = 6 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . 11
Figure 11.
Crosstalk, VCC = 24 V, RL = 6 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
SNR, VCC = 24 V, RL = 6 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
THD vs. frequency, VCC = 24 V, RL = 6 ohm, Pout = 1 W . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 14.
FFT (0 dBFS), VCC = 24 V, RL = 6 ohm, 0 dBFS (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
FFT (-60 dBFS), VCC = 24 V, RL = 6 ohm, 0 dBFS (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . 13
Figure 16.
THD vs. output power, VCC = 24 V, RL = 6 ohm, f = 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 17.
Output power = 2 x 5 W, VCC = 26 V, load = 6 ohm, frequency = 1 kHz . . . . . . . . . . . . . . 14
Figure 18.
Output power = 2 x 10 W, VCC = 26 V, load = 6 ohm, frequency = 1 kHz . . . . . . . . . . . . . 14
Figure 19.
Output power = 2 x 15 W, VCC = 26 V, load = 6 ohm, frequency = 1 kHz . . . . . . . . . . . . . 15
Figure 20.
Output power = 2 x 38 W, VCC = 26 V, load = 8 ohm, frequency = 1 kHz . . . . . . . . . . . . . 15
Figure 21.
Output filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 22.
Power dissipated over the series resistance [P = C*f*(2*V)2]. . . . . . . . . . . . . . . . . . . . . . . 17
Figure 23.
Power dissipated over the series resistance [P = C*f*2(V2)] . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 24.
Damping network . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 25.
Main filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
Recommended power-up and power-down sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 27.
Snubber network soldered as close as possible to the related IC pin . . . . . . . . . . . . . . . . 19
Figure 28.
Electrolytic capacitor used first to separate the VCC branches . . . . . . . . . . . . . . . . . . . . . . 20
Figure 29.
Path between VCC and ground pin minimized in order to avoid inductive paths . . . . . . . . 20
Figure 30.
Large ground planes on the top and bottom sides of the PCB . . . . . . . . . . . . . . . . . . . . . . 21
Figure 31.
PLL filter soldered as close as possible to the FILT pin . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 32.
Symmetrical paths created for output stage (for differential applications) . . . . . . . . . . . . . 22
Figure 33.
Coils separated in order to avoid crosstalk . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 34.
VCC filter for high frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 35.
Decoupling capacitors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 36.
Snubber filter for spike high frequency in PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 37.
Correct common-mode and differential snubber placement . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 38.
Correct output routing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 39.
Comparison of output routing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 40.
Thermal layout with large ground (1/3 for top and bottom layers) . . . . . . . . . . . . . . . . . . . 26
Figure 41.
Thermal layout with large ground (2/3 for thermal and soldering holes). . . . . . . . . . . . . . . 26
Figure 42.
Comparison of thermal layout (top layer) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 43.
Comparison of thermal layout (bottom layer) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com