Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3383 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 19Page - STMicroelectronics AN3383 Datasheet HTML 20Page - STMicroelectronics AN3383 Datasheet HTML 21Page - STMicroelectronics AN3383 Datasheet HTML 22Page - STMicroelectronics AN3383 Datasheet HTML 23Page - STMicroelectronics AN3383 Datasheet HTML 24Page - STMicroelectronics AN3383 Datasheet HTML 25Page - STMicroelectronics AN3383 Datasheet HTML 26Page - STMicroelectronics AN3383 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN3383
Design guidelines for schematic and PCB layout
Doc ID 018691 Rev 1
23/29
Figure 34.
VCC filter for high frequency
Placing the VCC filter capacitors close to the pins avoids an inductive coil generated by the
copper wire because the system is working in PWM with fast switching (the frequency is
about 340 kHz) so the longer copper wire is very easy to become an inductor. To improve
this we suggest using ceramic capacitors to balance the reactance.
It is mandatory to put the ceramic capacitors as close as possible to the related pins. The
distance between the capacitor to the related pins is suggested to be within 5 mm.
Figure 35.
Decoupling capacitors
Solder the decoupling capacitors as close as possible to the related IC pin in order to reduce
the inductive coil with copper wire (parasitic inductor). As shown in Figure 35, the first
example is a correct layout while the second example is incorrect.
Place Vcc filter capacitors as close as possible
to the related pins, the ceramic capacitors on
top of the PCB near the IC due to SMD
mounting limitations.
AM045263v1
AM045264v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com