Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3383 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 12Page - STMicroelectronics AN3383 Datasheet HTML 13Page - STMicroelectronics AN3383 Datasheet HTML 14Page - STMicroelectronics AN3383 Datasheet HTML 15Page - STMicroelectronics AN3383 Datasheet HTML 16Page - STMicroelectronics AN3383 Datasheet HTML 17Page - STMicroelectronics AN3383 Datasheet HTML 18Page - STMicroelectronics AN3383 Datasheet HTML 19Page - STMicroelectronics AN3383 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Design guidelines for schematic and PCB layout
AN3383
16/29
Doc ID 018691 Rev 1
4
Design guidelines for schematic and PCB layout
4.1
Schematic
4.1.1
Main driver for selection of components
The characteristics of the main driver are as follows:
●
Absolute maximum rating: STA350BW VCC = 30 V
●
Bypass capacitor 100 nF in parallel to 1 µF for each power VCC branch. Preferable
dielectric is X7R
●
Vdd and Ground for PLL filter separated from the other power supply
●
Coil saturation current compatible with the peak current of application
4.1.2
Decoupling capacitors
For the decoupling capacitor(s), one decoupling system can be used per channel. The
decoupling capacitor must be as close as possible to the IC pins in order to avoid parasitic
inductance with the copper wire on the PC board.
4.1.3
Output filter
Figure 21.
Output filter
1.
The key function of a snubber network is to absorb energy from the reactance in the
power circuit. The purpose of the snubber RC network is to avoid unnecessary high
pulse energy such as a spike in the power circuit which is dangerous to the system.
C98
470n
C105
100n
C101
100n
C95
100n
C89
100n
C90
330p
C99
1000p
C103
1000p
L13
22u
L11
22u
C91
1000p
R37
6.2
R34
6.2
R36
20
INxA
INxB
1
2
J7
CON2
SNUBBER
Main Filter
Damping Network
AM045250v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com