Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3383 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 14Page - STMicroelectronics AN3383 Datasheet HTML 15Page - STMicroelectronics AN3383 Datasheet HTML 16Page - STMicroelectronics AN3383 Datasheet HTML 17Page - STMicroelectronics AN3383 Datasheet HTML 18Page - STMicroelectronics AN3383 Datasheet HTML 19Page - STMicroelectronics AN3383 Datasheet HTML 20Page - STMicroelectronics AN3383 Datasheet HTML 21Page - STMicroelectronics AN3383 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Design guidelines for schematic and PCB layout
AN3383
18/29
Doc ID 018691 Rev 1
Damping network
The C-R-C is a damping network. It is mainly intended for high inductive loads.
Figure 24.
Damping network
Main filter
The main filter is an L and C based Butterworth filter. The cutoff frequency must be chosen
between the upper limit of the audio band (
≈20 kHz) and the carrier frequency (384 kHz).
Figure 25.
Main filter
Recommended values
Table 2.
Recommended values
Rload
16
Ω
12
Ω
8
Ω
6
Ω
4
Ω
Lload
47 µH
33 µH
22 µH
15 µH
10 µH
Cload
220 nF
330 nF
470 nF
680 nF
1 µF
C dump-S
100 nF
100 nF
100 nF
100 nF
220 nF
C dump-P
100 nF
100 nF
100 nF
100 nF
220 nF
R dump
10
8.2
6.2
4.7
2.7
C dump-S
C dump-P
C dump-P
C dump-S
R dump
Rdump
AM045253v1
load
cutoff
load
R
f
C
*
*
*
2
1
Π
=
cutoff
f
R
L
load
load
*
2
*
*
2
Π
=
load
load
cutoff
L
C
f
*
*
2
*
*
2
1
Π
=
Rload
C load
Lload
Lload
INxA
INxB
AM045254v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com