Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3383 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 13Page - STMicroelectronics AN3383 Datasheet HTML 14Page - STMicroelectronics AN3383 Datasheet HTML 15Page - STMicroelectronics AN3383 Datasheet HTML 16Page - STMicroelectronics AN3383 Datasheet HTML 17Page - STMicroelectronics AN3383 Datasheet HTML 18Page - STMicroelectronics AN3383 Datasheet HTML 19Page - STMicroelectronics AN3383 Datasheet HTML 20Page - STMicroelectronics AN3383 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN3383
Design guidelines for schematic and PCB layout
Doc ID 018691 Rev 1
17/29
The snubber network allows the energy (big spike) to be transferred to and from the
snubber network in order for the system to be worked on safely.
2.
The purpose of the main filter is to limit the frequency higher than the audible range of
20 kHz, which is mandatory in order to have a clean amplifier response. The main filter
is designed using the Butterworth formula to define the cutoff frequency.
3.
The purpose of the damping network is to avoid the high-frequency oscillation issue on
the output circuit. The damping network allows the THD to be improved and also allows
avoiding the inductive copper on the PCB route when the system is working on high
frequency with PWM or PCM.
Snubber filter
The snubber circuit must be optimized for the specific application. Starting values are
330 pF in series to 22 ohm. The power on this network is dependent on the power supply,
frequency and capacitor value according to the following formula:
P = C*f*(2*V)2
This power is dissipated over the series resistance as shown in Figure 22
Figure 22.
Power dissipated over the series resistance [P = C*f*(2*V)2]
In the following case the formula to evaluate power is:
P = C*f*2*(V2)
This power is dissipated over the series resistance as shown in Figure 23:
Figure 23.
Power dissipated over the series resistance [P = C*f*2(V2)]
C126
330p
R44
22
INxA
INxB
AM045251v1
C127
330p
C130
330p
R45
22
R46
22
INxA
INxB
AM045252v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com