Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4015 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4015 Datasheet HTML 5Page - STMicroelectronics AN4015 Datasheet HTML 6Page - STMicroelectronics AN4015 Datasheet HTML 7Page - STMicroelectronics AN4015 Datasheet HTML 8Page - STMicroelectronics AN4015 Datasheet HTML 9Page - STMicroelectronics AN4015 Datasheet HTML 10Page - STMicroelectronics AN4015 Datasheet HTML 11Page - STMicroelectronics AN4015 Datasheet HTML 12Page - STMicroelectronics AN4015 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN4015
Electrical characteristics
Doc ID 022507 Rev 1
9/22
4
Electrical characteristics
Referring to Figure 3: TDA7498E schematic, the Left (L) and Right (R) channels are the
output for a stereo configuration. VCC = +36 V, Gain 23.6 dB; Tamb = 25.5 °C;
InputFreq = 1 kHz; RefLevel = 1 W (0 dBr), Load = 4
Ω (resistive dummy load).
Table 1.
Electrical characteristics
THD+N vs. power
Pout = 1 W
0.0555%
IOCP
12 A
SNR
No filter
-74.3 dB
AW - filter
-77.5 dB
DNR
No filter
-94 dB
AW - filter
-98 dB
Xtalk
1 kHz
-85.9 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com