Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4015 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4015 Datasheet HTML 13Page - STMicroelectronics AN4015 Datasheet HTML 14Page - STMicroelectronics AN4015 Datasheet HTML 15Page - STMicroelectronics AN4015 Datasheet HTML 16Page - STMicroelectronics AN4015 Datasheet HTML 17Page - STMicroelectronics AN4015 Datasheet HTML 18Page - STMicroelectronics AN4015 Datasheet HTML 19Page - STMicroelectronics AN4015 Datasheet HTML 20Page - STMicroelectronics AN4015 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN4015
Design guidelines for PCB schematic and layout
Doc ID 022507 Rev 1
17/22
6.2
Layout
●
Solder 100 nF and 1µF bypass ceramic capacitors as close as possible to the related
IC pin
●
To avoid the effect due to the parasitic inductive coil generated by the copper wires, it is
suggested to use the ceramic capacitor to balance the reactance. It's mandatory to
place the ceramic capacitor as close as possible to the related pins. The distance
between the capacitor to the related pins is recommended to be within 5 mm.
Figure 19.
Decoupling capacitors
●
Solder the snubber networks as close as possible to the related IC pin. A high level
spike may occur if the snubber network is placed too far from the pins. It's
recommended that the distance from the snubber network be within 3 mm which takes
into consideration the width of the copper wire.
Figure 20.
Snubber network
Ground pin and Vcc pin of
100 nF and 1
μF capacitors
should be connected to the
related IC pin directly
Snubber network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com