Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4015 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4015 Datasheet HTML 10Page - STMicroelectronics AN4015 Datasheet HTML 11Page - STMicroelectronics AN4015 Datasheet HTML 12Page - STMicroelectronics AN4015 Datasheet HTML 13Page - STMicroelectronics AN4015 Datasheet HTML 14Page - STMicroelectronics AN4015 Datasheet HTML 15Page - STMicroelectronics AN4015 Datasheet HTML 16Page - STMicroelectronics AN4015 Datasheet HTML 17Page - STMicroelectronics AN4015 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Design guidelines for PCB schematic and layout
AN4015
14/22
Doc ID 022507 Rev 1
6
Design guidelines for PCB schematic and layout
6.1
Schematic
6.1.1
Main driver for the selection of components
●
Absolute maximum rate (input VCC supply): 40 V
●
Bypass capacitor 100 nF in parallel to 1µF for each power VCC branch. Dielectric X7R
is suggested.
●
Coil saturation current must be compatible with the peak current of application
6.1.2
Decoupling capacitors
There are two different ways to use the decoupling capacitors:
●
The decoupling capacitor(s) can be shared among channels; the layout must be
designed to implement a "star route" for the VCC paths.
●
One decoupling capacitor can be used for each channel. It is mandatory that each
decoupling capacitor be placed as close as possible to the IC pins. This solution is
implemented on the TDA7498E demonstration board.
6.1.3
Output filter
●
Snubber network: the key function of a snubber network is to absorb energy from the
inductive component in the power circuit (the output coils and the speaker). The
purpose of the snubber RC network is to dissipate the unnecessary high pulse energy,
such as a high voltage spike, in the power circuit which is dangerous to the system.
●
Main filter (low-pass filter): The purpose of the main filter is to remove the carrier
frequency (
≈310 kHz) and to cut off the frequency higher than the audible range of
20 kHz. The LPF filter is implemented by a passive Butterworth topology. In order to
have a clean and flat frequency response, it is mandatory to design the filter to fix the
cutoff frequency a little bit above 20 kHz.
●
Damping network: The purpose of the damping network is to avoid the high-frequency
oscillation issue on the output circuit. When the load is disconnected from the amplifier,
the frequency response of the main filter is not flat and there is the possibility of adding
gain in a frequency band. The damping network also improves the THD performance.
The damping network can also avoid the inductive effect of the PCB tracks when the
system is working at high frequency with PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com