Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4015 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4015 Datasheet HTML 7Page - STMicroelectronics AN4015 Datasheet HTML 8Page - STMicroelectronics AN4015 Datasheet HTML 9Page - STMicroelectronics AN4015 Datasheet HTML 10Page - STMicroelectronics AN4015 Datasheet HTML 11Page - STMicroelectronics AN4015 Datasheet HTML 12Page - STMicroelectronics AN4015 Datasheet HTML 13Page - STMicroelectronics AN4015 Datasheet HTML 14Page - STMicroelectronics AN4015 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN4015
Test curves
Doc ID 022507 Rev 1
11/22
Figure 9.
DNR
Figure 10.
FFT (0 dBr at 1 W)
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.THD+N Ratio
Left
Vcc=36V_1kHz_4 ohm; Ch L
1
2
Blue
Solid
2
Anlr.THD+N Ratio
Left
Vcc=36V_1kHz_4 ohm; Ch R
2
1
Green
Solid
2
Anlr.THD+N Ratio
Left
Vcc=36V_1kHz_4 ohm; Ch R - AW Filter
2
2
Black
Solid
2
Anlr.THD+N Ratio
Left
Vcc=36V_1kHz_4 ohm; Ch L - AW Filter
-80
-20
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
dBr
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Fft.Ch.1 Ampl
Left
Vcc=36V; Ref: 1W@1kHz: Ch L
1
2
Blue
Solid
2
Fft.Ch.2 Ampl
Right
Vcc=36V; Ref: 1W@1kHz: Ch R
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
B
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com