Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4015 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4015 Datasheet HTML 8Page - STMicroelectronics AN4015 Datasheet HTML 9Page - STMicroelectronics AN4015 Datasheet HTML 10Page - STMicroelectronics AN4015 Datasheet HTML 11Page - STMicroelectronics AN4015 Datasheet HTML 12Page - STMicroelectronics AN4015 Datasheet HTML 13Page - STMicroelectronics AN4015 Datasheet HTML 14Page - STMicroelectronics AN4015 Datasheet HTML 15Page - STMicroelectronics AN4015 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Test curves
AN4015
12/22
Doc ID 022507 Rev 1
Figure 11.
Crosstalk
Figure 12.
Linearity
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
S2C.Anlr.Crosstalk
Left
Vcc=36V; 1W; 4ohm; (Ch L on)
1
2
Blue
Solid
2
S2C.Anlr.Crosstalk
Left
Vcc=36V; 1W; 4ohm; (Ch R on)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
20
20.5
21
21.5
22
22.5
23
23.5
24
Gain Linearity
Input Level [V]
Left
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com