Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4015 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4015 Datasheet HTML 9Page - STMicroelectronics AN4015 Datasheet HTML 10Page - STMicroelectronics AN4015 Datasheet HTML 11Page - STMicroelectronics AN4015 Datasheet HTML 12Page - STMicroelectronics AN4015 Datasheet HTML 13Page - STMicroelectronics AN4015 Datasheet HTML 14Page - STMicroelectronics AN4015 Datasheet HTML 15Page - STMicroelectronics AN4015 Datasheet HTML 16Page - STMicroelectronics AN4015 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN4015
Test curves
Doc ID 022507 Rev 1
13/22
Figure 13.
Bandwidth
Figure 14.
Pout vs. VCC and THD level
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.Level A
Left
Vcc=36V; 1W; Ch L
1
2
Blue
Solid
2
Anlr.Level B
Right
Vcc=36V; 1W; Ch R
-3
+1
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
d
B
r
B
-3
+1
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
d
B
r
A
10
50k
20
50
100
200
500
1k
2k
5k
10k
20k
Hz
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
2
Anlr.Level A
Left
Pout vs. Vcc; Load=4ohm; THD=1%
2
1
Green
Solid
2
Anlr.Level A
Left
Pout vs. Vcc; Load=4ohm; THD=10%
3
1
Blue
Solid
2
Anlr.Level A
Left
Pout vs. Vcc; Load=4ohm; THD=20%
4
1
Red
Solid
2
Anlr.Level A
Left
Pout vs. Vcc; Load=4ohm; THD=30%
20
200
40
60
80
100
120
140
160
180
W
+10
+40
+12.5
+15
+17.5
+20
+22.5
+25
+27.5
+30
+32.5
+35
+37.5
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com