Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0108 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 9Page - STMicroelectronics TN0108 Datasheet HTML 10Page - STMicroelectronics TN0108 Datasheet HTML 11Page - STMicroelectronics TN0108 Datasheet HTML 12Page - STMicroelectronics TN0108 Datasheet HTML 13Page - STMicroelectronics TN0108 Datasheet HTML 14Page - STMicroelectronics TN0108 Datasheet HTML 15Page - STMicroelectronics TN0108 Datasheet HTML 16Page - STMicroelectronics TN0108 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TN0108
Peripherals
Doc ID 15874 Rev 2
13/26
5.4
ADC multiplex control
On Cut 1 devices, the ADC multiplexer pins, MA[0..2], are brought out in two possible
positions, as detailed in the table below.
On Cut 2 devices, an additional pad multiplexing for MA[0] and MA[1] has been added.
5.5
ADC clock prescaler divider
On Cut 1.1 devices, the ADC clock prescaler has a fixed divide ratio of system clock/2. This
gives a minimum conversion time of 2µS when running from the 16 MHz IRC. If the device is
in the dynamic stage of a low-power sequence, this will extend the time that the user has to
stay operational, rather than in a LP mode, so increasing the average power consumption.
To address this problem on Cut 2 devices, an ADCCLKSEL (ADC Clock Frequency Select)
bit was added to the ADC_MCR (Main Configuration Register). This bit can be written to set
the ADC clock to the system frequency.
Table 10.
MA[0..2] pad multiplexing locations
Register bits
Description
Alternate function
SPC560B Cut 1.1
SPC560B Cut 2
MA[0]
PE7
AF3
•
-
PH8
AF3
•
•
PC3
AF2
-
•
MA[1]
PE6
AF3
•
•
PH7
AF3
•
•
PC10
AF3
-
•
MA[2]
PE5
AF3
•
•
PH6
AF3
•
•
Table 11.
ADC clock prescaler
Silicon revision
ADC clock prescaler
ADC clock
SPC560B Cut 1.1
Hard wired
sys_clk/2
SPC560B Cut 2
ADCCLKSEL = 0
sys_clk/2
ADCCLKSEL = 1(1)
1.
The configuration of ADC clock = system clock is only valid for LPM wakeup when running on the 16 MHz
IRC. The ADCCLKSEL bit can ONLY be written in ADC power down mode. In all other cases, the ADC
clock should be set to system clock/2.
sys_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com