Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0108 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 14Page - STMicroelectronics TN0108 Datasheet HTML 15Page - STMicroelectronics TN0108 Datasheet HTML 16Page - STMicroelectronics TN0108 Datasheet HTML 17Page - STMicroelectronics TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Reset and BAM
TN0108
18/26
Doc ID 15874 Rev 2
Note that the RGM_FERD and RGM_DERD registers are ‘write-once’. For details on a
change that was made to this implementation between Cut 1.1 and Cut 2 devices, see the
following section.
For further details on the FERD and DERD registers, consult the device reference manual.
6.3
Write once protection of reset configuration registers
On Cut 1.1 devices, the RGM_DERD and RGM_FERD registers are configured such that
write-once protection to these registers is provided as a 32-bit block. Thus, any write to the
DERD or FERD register (be it 16-bits or otherwise) will prevent further writes to either
register. The only way to correctly configure this is to write to the DERD and FERD registers
in a single 32-bit write.
On Cut 2 devices, the mechanism has been changed such that the RGM_DERD and
RGM_FERD registers each have their own 16-bit write-once mechanism. This is somewhat
irrelevant, since the DERD register has been set to read-only in Cut 2, however it means
that any attempt to write to DERD will not impact the write-once mechanism for FERD.
Table 17.
Reset event disable via RGM_DERD and RGM_FERD
Register bits
Description
SPC560B Cut 1.1
SPC560B Cut 2
RGM_FERD (Functional Event Reset Disable Register)
D_EXR
Disable External Reset
-
Read only
D_Flash
Disable code or data Flash error reset
•
•
D_LVD45
Disable 4.5 V LVI detected reset
•
•
D_CMU0_FHL
Disable CMU0 Clock higher/lower than ref
•
•
D_CMU0_OLR
Disable Oscillator freq lower than reference
•
•
D_PLL/D_FMPLL
Disable PLL0 fail reset (Cut 1.1)
Disable FMPLL fail reset (Cut 2)
••
D_CHKSTOP
Disable checkstop reset
-
Read only
D_Soft
Disable Software reset
-
Read only
D_Core
Disable Core reset
•
•
D_JTAG
Disable JTAG-initiated reset
•
•
RGM_DERD (destructive Event Reset Disable Register)
D_LVD27
-
Read only
D_SWT
•
Read only
D_LVD12_PD1
-
Read only
D_LVD12_PD0
-
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com