Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0108 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 10Page - STMicroelectronics TN0108 Datasheet HTML 11Page - STMicroelectronics TN0108 Datasheet HTML 12Page - STMicroelectronics TN0108 Datasheet HTML 13Page - STMicroelectronics TN0108 Datasheet HTML 14Page - STMicroelectronics TN0108 Datasheet HTML 15Page - STMicroelectronics TN0108 Datasheet HTML 16Page - STMicroelectronics TN0108 Datasheet HTML 17Page - STMicroelectronics TN0108 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Peripherals
TN0108
14/26
Doc ID 15874 Rev 2
5.6
ADC abort modification
On Cut 1.1 devices, if an ADC conversion chain is to be aborted, this does not happen
immediately. All conversions of the chain need to be aborted individually, resulting in a delay
before a new conversion chain can be issued.
On Cut 2 devices, an “ABORTCHAIN” bit has been added to the ADC_MCR (Main
Configuration Register). The exact behavior is dependent on the Mode bit. In summary,
setting the ABORTCHAIN bit immediately aborts all conversion chains. As soon as a new
conversion is requested, the ABORTCHAIN bit is automatically cleared. Depending on
mode, an ECH (end of chain) interrupt is generated and the NSTART and JSTART bits are
also cleared. For more details consult the device reference manual.
5.7
ADC offset calculation
Cut 1.1 devices have an ADC offset calculation mechanism. This was proven not to improve
the overall ADC performance, as the intrinsic ADC precision is better than the offset
calculation resolution.
The offset calculation mechanism has been removed for Cut 2 devices.
5.8
LINFlex slave configuration change
Cut 1.1 devices have LIN slave features on all of the four LINFlex modules (each slave port
has eight identifiers filters).
On Cut 2 devices, there is only one LINFlex module (LinFlex 0) that provides slave
functionality. The remaining three LINFlex modules have been changed to master only.
Customers must ensure that if they are using the LINFlex in slave mode on Cut 1.1, the
application code will need to be changed, if this was not using LINFlex channel zero.
Table 12.
ADC conversion chain abort
Silicon revision
Chain abort mechanism
SPC560B Cut 1.1
Individual abort for each conversion
SPC560B Cut 2
Immediate via ABORTCHAIN
Table 13.
LINFlex configuration
Silicon revision
LINFlex 0
LINFlex 1
LINFlex 2
LINFlex 3
Master
Slave
Master
Slave
Master
Slave
Master
Slave
SPC560B Cut 1.1
•
•
•••
••
•
SPC560B Cut 2
•
•
•
-
•
-
•
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com