Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0108 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0108 Datasheet HTML 1Page - STMicroelectronics TN0108 Datasheet HTML 2Page - STMicroelectronics TN0108 Datasheet HTML 3Page - STMicroelectronics TN0108 Datasheet HTML 4Page - STMicroelectronics TN0108 Datasheet HTML 5Page - STMicroelectronics TN0108 Datasheet HTML 6Page - STMicroelectronics TN0108 Datasheet HTML 7Page - STMicroelectronics TN0108 Datasheet HTML 8Page - STMicroelectronics TN0108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TN0108
Summary of differences
Doc ID 15874 Rev 2
5/26
1
Summary of differences
This section gives a summary of all the differences between the SPC560B 512 KB Flash
size silicon revisions Cut 1.1 and Cut 2. These differences are described in more detail in
the following sections. For ease of navigation, the section number provides a link to the
appropriate section.
Table 2.
Summary of differences
Description
Cut 1.1
Cut 2
Section
SRAM size increase
32 KB SRAM
48 KB SRAM
Section 2.1
Additional GPIO on JTAG pins
Dedicated JTAG pins
Added PH[9] and PH[10] to
TMS and TCK
Section 3.1
Medium speed pad allocation
27 additional medium pads
Section 3.2
GPIO state during and after reset
High-Z in reset, then input
with weak pull-up
High-Z during and after reset
except JTAG and ABS pins
Section 3.3
Debug through LPM
Not supported
Supported
Section 4.1
JTAG operation in safe mode
JTAG pins tri-state by default
in SAFE mode
SMC modified, so JTAG pins
remain active in SAFE mode
Section 4.2
Nexus TAP change
Change to TAP command
Section 4.3
Peripheral clock prescalers
Disabled out of reset
Enabled out of reset
Section 5.1
ADC register map change
Fundamentally different to
Cut 2. Code change required.
Section 5.2
ADC additional external result
register
Four external results
registers for ANX[0..3]
32 external results registers
covering full external mux
Section 5.3
ADC multiplex control
Additional pad-multiplexing
options.
Section 5.4
ADC clock prescaler divider
Set to sysclk/2
Option to use sysclk/2 when in
LPM on 16 MHz IRC
Section 5.5
ADC abort
Slow abort for chained
commands
New “abortchain” control bit
added for rapid abort.
Section 5.6
ADC offset calculation
Implemented
Removed. Did not provide any
benefit to ADC precision.
Section 5.7
LINFlex configuration change
All four LINFlex modules
support master/slave
LINFlex 0 is master /slave, all
others are master only
Section 5.8
LINFlex slave filters
Eight ID filters on LINFlex0
16 ID filters on LINFlex0
Section 5.9
eMIOS additional modes and
channel types
Eight modes and three
channel types
Added two more channel
types with four more modes
Section 5.10
RCHW format
0x0000_005A
0x005A_0000
Section 6.1
Correct reset event disable
Can disable all reset sources
in DERD/FERD
Allow ability to lock all reset
config registers
Section 6.2
Protection of reset event disable
registers
Write-once protection based
on 32-bit resolution
Individual 16-bit protection for
DERD/FERD
Section 6.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com