Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0108 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 15Page - STMicroelectronics TN0108 Datasheet HTML 16Page - STMicroelectronics TN0108 Datasheet HTML 17Page - STMicroelectronics TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics TN0108 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TN0108
Reset and BAM
Doc ID 15874 Rev 2
19/26
6.4
Unused BAM space abort
The SPC560B BAM code is implemented as an 8 KB ROM block at the bottom of the
memory map (0xFFFF_C000 to 0xFFFF_FFFF). The BAM code itself is considerably
smaller than the 8 KB ROM block. It is desirable to trap any attempt to execute non BAM
code within this ROM block. In Power Architecture, an instruction with all bits set to zero is
defined as an illegal instruction, which can be trapped.
On Cut 1.1 devices, non BAM locations were left as non-zero, so if the PC was set to a non
BAM location within the ROM block, an undefined operation would result.
On Cut 2 devices, unused locations within the ROM block have been set to zero, to any
attempt to execute from within this area will result in an exception.
This has no real impact for customer code, but is listed here in the case customers notice
the change to the BAM and are concerned that there is a functional change in the BAM
code.
Table 18.
RGM_DERD and RGM_FERD write-once protection
Silicon revision
Write protection mechanism
Implications
SPC560B Cut 1.1
Any write to DERD or FERD would write-protect
both registers.
If configuring both registers, need to do
so with single 32-bit write.
SPC560B Cut 2
Individual 16-bit protection on each register.
Write to DERD (read-only) will not block
subsequent write to FERD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com