Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0108 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 13Page - STMicroelectronics TN0108 Datasheet HTML 14Page - STMicroelectronics TN0108 Datasheet HTML 15Page - STMicroelectronics TN0108 Datasheet HTML 16Page - STMicroelectronics TN0108 Datasheet HTML 17Page - STMicroelectronics TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TN0108
Reset and BAM
Doc ID 15874 Rev 2
17/26
6
Reset and BAM
6.1
Reset Configuration Halfword (RCHW)
The RCHW (Reset Configuration Half Word) has been changed from being in the lower to
the upper 32-bits of the address space, as defined in the table below.
The user must ensure that the Flash RCHW is updated. Otherwise a valid RCHW will not be
found and the device will not successfully boot from Flash.
6.2
Correct reset event-disable feature
On Cut 1.1 devices, it was possible to disable all reset events by writing to the RGM_FERD
and RGM_DERD bits. This was never intended as a supported mode of operation, since it is
not desirable to be able to lock out all reset sources.
On Cut 2, the distribution of reset sources in the DERD and FERD registers has been
changed as shown in the table below. In addition, the DERD register has been set to read
only, so the reset sources within DERD cannot be disabled.
Table 16.
RCHW differences
Silicon revision
RCHW format
SPC560B Cut 1.1
0x0000_005A
SPC560B Cut 2
0x005A_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com