Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2503 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 5Page - STMicroelectronics AN2503 Datasheet HTML 6Page - STMicroelectronics AN2503 Datasheet HTML 7Page - STMicroelectronics AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics AN2503 Datasheet HTML 12Page - STMicroelectronics AN2503 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AN2503
PDP Sustain circuit
9/30
Figure 10.
Subfield structure – expression of gray level
3
PDP Sustain circuit
In a Plasma Display Panel, frequent discharges are made to occur by alternately charging
each side of the panel to a critical voltage, allowing images to be displayed. This alternating
voltage is called the sustain voltage, and the sustain circuit (or sustainer) is needed to
provide it to the display [5.].
If a pixel has been driven "ON" during address period, the sustainer maintains the "ON"
state of that pixel by repeatedly discharging that pixel cell during the whole sustain period. If
a pixel has been driven "OFF" by an address driver, the voltage across the cell is never high
enough to cause a discharge, and the cell remains "OFF" during the sustain period.
The sustain circuit must drive all panel pixels at once. This means that the capacitance as
seen by the sustainer is typically very large. In a 42-inch panel with 852x480 pixels, the total
capacitance of all the pixel cells, Cp, could be as much as 80 nF.
The key parameters in the sustainer study are:
●
Cp - Panel equivalent capacitance
●
Vs - Sustain Voltage
●
f - Sustainer Switching frequency
●
fav - average sustainer switching frequency
Conventional sustain circuit (half bridge topology) drives the panel directly, and thus
1/2CPVS
2 f
av is dissipated in the sustainer when the panel is subsequently discharged to
ground.
In a complete sustain cycle, each side of the panel is charged to Vs and subsequently
discharged to ground. Therefore, a total of 2CpVs2 fav power is dissipated in a complete
sustain cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com