Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2503 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics AN2503 Datasheet HTML 12Page - STMicroelectronics AN2503 Datasheet HTML 13Page - STMicroelectronics AN2503 Datasheet HTML 14Page - STMicroelectronics AN2503 Datasheet HTML 15Page - STMicroelectronics AN2503 Datasheet HTML 16Page - STMicroelectronics AN2503 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN2503
PDP Sustain circuit
13/30
Where
If (2L/R)2 and (
ωR/L) can be ignored, the equation (Equation 2) can be simply re-written as:
Equation 3
Where
If
ω’ = then the peak value is:
Equation 4
Equation 4 states that an increase of the parasitic resistance causes the recovery efficiency
to be degraded. Naturally, it is necessary to reduce the parasitic resistance by designing the
circuit board optimally as well as choosing switching devices with small on-resistance and
low on-drop voltage to minimize the hard-switching stress and improve the recovery
performance. On the other hand, reduction of the inductor value produces similar results
and, thus, using a too small value of L is not desirable with respect to driving loss.
3.1.2
Positive discharge and clamping phase
Figure 15 shows both panel discharge and the camping current paths. In the first phase the
ionized gas could be represented as a non linear resistor and the peak current during this
period is higher than that during energy recovery. The worst condition is represented when
all cells in the panel must be ignited (full white screen condition), and in this case the
discharge current could be higher than 120 A for a standard definition (SD) 42-inch PDP set.
Further increase in the current value is expected in HD PDP as the number of pixels
increases.
Figure 15.
Circuit scheme – positive discharge and clamping
τ
ωR
L
-------
⎝⎠
⎛⎞
=
ω
1
LCp
-----------
⎝⎠
⎛⎞
R
2L
-------
⎝⎠
⎛⎞
2
=
and
V
yx
V
s
2
------
V
ON
⎝⎠
⎛⎞ 1e
t
τ
---
ω
cos
=
t
ω
1
LCp
-----------
=
V
yx pk
,
V
s
2
------
V
ON
⎝⎠
⎛⎞ 1e
πR
2
-------
C
p
L
------
=
Vs
Vs
Vs
Vset
L7
T9
T10
T8
T12
T11
-Vreset
Cp
CS1
CS2
L1
D7
D8
D6
D5
T7
D1
Vs
T3
T2
T1
T4
T6
T5
D2
D4
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com