Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2503 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 17Page - STMicroelectronics AN2503 Datasheet HTML 18Page - STMicroelectronics AN2503 Datasheet HTML 19Page - STMicroelectronics AN2503 Datasheet HTML 20Page - STMicroelectronics AN2503 Datasheet HTML 21Page - STMicroelectronics AN2503 Datasheet HTML 22Page - STMicroelectronics AN2503 Datasheet HTML 23Page - STMicroelectronics AN2503 Datasheet HTML 24Page - STMicroelectronics AN2503 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN2503
PDP Power Devices characteristics
21/30
circuit is very large since it has to conduct both ER and discharge currents. Both
STripFETTM and superMESHTM Power MOSFETs technologies from ST are ideal for this
application since they allow the die to have very high current density and therefore reduce
the number of paralleled devices required to maintain very low voltage drop [9.], [10.], [11.],
[12.].
For path switch in T6 position, the maximum voltage stress is (Vs + Vset) / 2
≈ 300 V, while
for path switch in T5 position, the maximum voltage stress is (Vset + |Vreset|) / 2
≈ 275 V.
4.1.5
Set - reset section
The set and reset circuit applies asymmetrical AC voltage across the panel in order to
evacuate any remaining surface charge from the cells. This is usually done at the end of
each subfield (or the beginning of the next subfield), and the power devices on this circuit
operate in the linear mode. This means that the voltage drop is very large but the current
through the device is relatively low. Due to the requirement of asymmetrical Set and Reset
voltages, Power switches in the set and reset circuits have to block up to 600 V. Typical
voltage value for Set function is 400 V and for Reset function is -150 V. This means that the
maximum voltage stress for Set circuit T9 is (Vs + Vset) = 600 V while the maximum voltage
stress for reset circuit T10 is Vset + |Vreset| = 550 V.
ST offers two families of products for this section both appreciable for their ruggedness for
linear applications.
Example device is STGP10NB60S in the IGBT Planar technology [13.]:
Further examples of devices are superMESHTM devices as follows [14.], [15.].
Table 7.
Path MOSFET features
P/N
VDSS [V]
RDSON[Ω] ID/IDMAX [A]
P [W]
Package
ST60NK30ZD1
300
0.045
60/240
450
Die or MAX247
STW52NK25Z
250
0.033
52/208
300
TO-247
ST75N20
200
0.028
75/300
300
TO-247, TO-220, D2PAK
ST40N20
200
0.045
40/160
160
TO-247 TO-220 D2PAK
TO220FP
Table 8.
Set – reset IGBT features
P/N
VCES [V]
VCE(SAT)[Ω]
IC [A]
Package
STGP10NB60S
600
1.7
10
D2PAK
Table 9.
Set-reset MOSFET features
P/N
VDSS [V]
RDSON[Ω]
ID/IDMAX [A]
P [W]
Package
ST9NK70Z
700
1
7.5/30
115 W
TO-220 D2PAK TO220FP
ST14NK60Z
600
0.5
13.5/54
160 W
TO-220 D2PAK TO220FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com