Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2503 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2503 Datasheet HTML 1Page - STMicroelectronics AN2503 Datasheet HTML 2Page - STMicroelectronics AN2503 Datasheet HTML 3Page - STMicroelectronics AN2503 Datasheet HTML 4Page - STMicroelectronics AN2503 Datasheet HTML 5Page - STMicroelectronics AN2503 Datasheet HTML 6Page - STMicroelectronics AN2503 Datasheet HTML 7Page - STMicroelectronics AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN2503
PDP basic
5/30
2
PDP basic
Basic knowledge on Plasma Display Panel encompasses manufacturing issues in cell
structure, physics principle in the memory effect, and display algorithms needed to create a
range of colors.
2.1
PDP cell structure
Figure 2 shows the structure of a plasma display glass panel, [2.].
Figure 2.
Cell structure
An AC PDP display is composed of front and rear glass substrates sandwiched together and
then sealed. The air is vacuumed out and a mixture of inert gases (Ne and Xe) is injected
between the glass substrates. The separation between the two opposing substrates is about
100um and the space between them is filled with a gas mixture of Ne and Xe. The front
glass substrate has a first electrode (X electrode) and a second electrode (Y electrode)
which operate as sustain electrodes. The X and Y electrodes are coated with bus
electrodes, dielectric layer, and MgO layer in sequence. The MgO protects the dielectric
from plasma damage and also aids the plasma in sustaining a discharge through secondary
electron emission from its surface. In addition, equivalent capacitor exists between the X
and Y electrodes. On the surface of the rear glass substrate, as opposed to the front glass
substrate, a third electrode operating as an address electrode (A electrode) is formed to be
orthogonal to the X and Y electrodes. Electrically, the entire assembly can now be
considered as a three-electrode capacitor. A cross point is formed where the X, Y and A
electrodes meet. Three adjacent red, blue and green cross points form a color picture
element (pixel) of the panel. In operation, an AC voltage sufficiently high will ionize the gas
to create the plasma. Then, the ultraviolet light from the plasma excites the phosphor to
create the color image.
Each pixel can be independently controlled and can assume different color gradations. The
number of pixels available determines the resolution of the glass panel vertically and
horizontally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com