Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2503 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 18Page - STMicroelectronics AN2503 Datasheet HTML 19Page - STMicroelectronics AN2503 Datasheet HTML 20Page - STMicroelectronics AN2503 Datasheet HTML 21Page - STMicroelectronics AN2503 Datasheet HTML 22Page - STMicroelectronics AN2503 Datasheet HTML 23Page - STMicroelectronics AN2503 Datasheet HTML 24Page - STMicroelectronics AN2503 Datasheet HTML 25Page - STMicroelectronics AN2503 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PDP Power Devices characteristics
AN2503
22/30
4.2
Driving section
Driving section devices range from gate driver devices to input buffer ones. Gate driver
function is carried out by a gate driver IC and a push pull amplifier.
Driving section can be split in:
●
Gate driver section: L6385 or L6388
●
Push pull section: STS01DTP06
●
Input buffer section 74VHCT541
4.3
Gate driver devices
ST offers the widest series among the High Voltage Half-Bridge Gate Drivers (the L638x
series), manufactured with BCD"OFF-LINE" technology. They are able to work in
applications with with voltages to 600 V. In the L638x series the two selected drivers are the
L6388 [16.] and the L6385 [17.], which can drive two Power MOSFETs or IGBTs, one high-
side and one low-side, in a Half-Bridge or different topology. L6388 is especially effective in
applications where logic input must be compatible with 3.3 V Logic. Another key feature of
the L6388 is that it provides effective anti-shoot-through circuitry which prevents two Power
MOSFETs or IGBTs from being turned ON at the same time. This is achieved by introducing
a 200 ns time interval, a "dead time" between the moment one of the components is turned
OFF and the other is turned ON. L6385 is able to drive asymmetrical half bridge, but its
logic input is not compatible with 3.3V Logic.
The main features of these HV Gate Drivers are:
●
dV/dt immunity +- 50 V/nsec in full temperature range
●
Driver current capability:
–
400 mA source
–
650 mA sink
●
Switching time 50/30 nsec rise/fall with 1 nF load
●
Under voltage lock-out on lower and upper driving section
●
Internal bootstrap diode
●
Outputs in phase with inputs
Due to different characteristics, the topologies used in Energy Recovery Circuit and Sustain
Circuit depend on the driver used as shown in Figure 24 and Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com