Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2503 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 21Page - STMicroelectronics AN2503 Datasheet HTML 22Page - STMicroelectronics AN2503 Datasheet HTML 23Page - STMicroelectronics AN2503 Datasheet HTML 24Page - STMicroelectronics AN2503 Datasheet HTML 25Page - STMicroelectronics AN2503 Datasheet HTML 26Page - STMicroelectronics AN2503 Datasheet HTML 27Page - STMicroelectronics AN2503 Datasheet HTML 28Page - STMicroelectronics AN2503 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN2503
Bill of material and schematics
25/30
5
Bill of material and schematics
Table 11 gives the BOM and the schematics of the demo board.
Table 11.
Bill of material
Item
Qty
Reference
Value & comment
1
5
C1,C4,C23,C26, C44
2.2 µF 50 V
2
5
C2,C3,C24,C25,C45
100 nF 50 V
3
4
C5,C6, C20,C21
2.2 nF 400 V
4
4
C16,C17,C18,C19
3.3 µF 250 V
5
1
C22
104 K 250 V
6
8
C27,C28,C29,C30,C48,C49,C50,C51
100 µF 250 V
7
2
C35,C36
100 µF 25 V
8
7
C37,C38,C39,C40,C41,C42,C43
100 pF 10 V
9
2
C46,C47
X1 Capacitor modeling the panel
10
4
D1,D7
SMBY01-400
11
2
D2,D10
STTH60P03SW
12
3
D3,D8
STTH2003CG
13
3
D14
DIODE Z.16 V
14
1
F1
5A 250 V Fuse
15
2
F2,F3
1A 125 V
16
1
J1
HEADER 9
17
2
J4,J13
Connector 2 PINS
18
1
J7
GND-STAR Connector
19
1
J18
HEADER 30
20
2
L5,L6
500 nH inductor
21
2
L12,L14
10 µH inductor
22
2
R2,R19
2,2
Ω SMD resistor
23
8
R7,R8,R9,R10,R17,R18,R21,R22
3.9
Ω SMD resistor
24
2
R1, R20
36
Ω SMD resistor
25
5
R35,R36,R37,R38,R39
200
Ω SMD resistor
26
4
R50, R51
100 K
Ω SMD resistor
27
6
R3, R4, R23, R24, R25
1
Ω SMD resistor
28
6
R26,R40,R41,R42,R43,R44
100
Ω SMD resistor
29
3
R27
10 K
Ω SMD resistor
30
2
U1,U5
L 6385
31
4
U2,U3,U6,U7
STS01DTP06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com