Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3152 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3152 Datasheet HTML 5Page - STMicroelectronics AN3152 Datasheet HTML 6Page - STMicroelectronics AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics AN3152 Datasheet HTML 10Page - STMicroelectronics AN3152 Datasheet HTML 11Page - STMicroelectronics AN3152 Datasheet HTML 12Page - STMicroelectronics AN3152 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN3152
Measurements on the BOOST stage
Doc ID 17056 Rev 1
9/17
3
Measurements on the BOOST stage
Although MDmesh™ power MOSFETs and SiC diodes are used on every stage of the
inverter, the following results derive from the inverter front-end stage called the BOOST
stage. This stage is used as a case study to validate the performance of the fastest power
MOSFETs and diodes available on the market. The basic BOOST configuration is very
similar to other applications like a traditional single switch PFC, as shown in
Figure 2, but in
this case, the input voltage is continuous rather than pulsed. Efficiency is measured in the
worst conditions, which means at the lowest input voltage, so that at full load the input
current is the highest possible. Note that higher-speed commutation leads to higher
efficiency, but at the same time spike voltage and current stimulus on the main switch are
higher also. Therefore finding a good trade-off is recommended. In any case, a 650 V
breakdown voltage keeps the MDmesh™ V within a safe working zone. An STW42N65M5
and an STPSC1006 are used for this stage.
Figure 6 shows the efficiency versus output
power, at VDCIN = 200 V and gate resistance Rg= 8.2 Ω.
With 8.2
Ω, we achieved a di/dt of 1400 A/µs during turn-on, which provides good noise
immunity and low EMI irradiation.
Figure 6.
Efficiency vs. power output on BOOST stage @ Rg=8.2 Ω and
di/dt = 1400 W
Figure 7 shows the BOOST signals during normal operation at V
IN = 200 V, VOUT = 450 V,
and POUT = 1300 W. Figure 8 shows the detailed BOOST signals during turn-on at VIN =
200 V, VOUT = 450 V, and POUT = 1700 W. Please note the peak current on the trace in black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com