Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3152 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3152 Datasheet HTML 6Page - STMicroelectronics AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics AN3152 Datasheet HTML 10Page - STMicroelectronics AN3152 Datasheet HTML 11Page - STMicroelectronics AN3152 Datasheet HTML 12Page - STMicroelectronics AN3152 Datasheet HTML 13Page - STMicroelectronics AN3152 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Measurements on the BOOST stage
AN3152
10/17
Doc ID 17056 Rev 1
(about 22 A). This is due to the SiC capacitance discharge at high di/dt = 1400 A/µs. The
step on the drain voltage (trace in red) is due to parasitic inductance of the board. The violet
trace represents the energy losses during turn-on. Turn-off is performed with a signal diode
connected in parallel to the 8.2
Ω resistor, so for turn-off the equivalent RGATE is zero, in
order to obtain the fastest commutation speed. All measurements have bean performed on
a grid-connected 3 kW solar inverter prototype, totally equipped with both MDmesh™ and
SiC devices.
Figure 7.
Typical waveform during normal operation on BOOST stage @
POUT = 1300 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com